Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 93 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 89Page - Texas Instruments TMS320VC5509 Datasheet HTML 90Page - Texas Instruments TMS320VC5509 Datasheet HTML 91Page - Texas Instruments TMS320VC5509 Datasheet HTML 92Page - Texas Instruments TMS320VC5509 Datasheet HTML 93Page - Texas Instruments TMS320VC5509 Datasheet HTML 94Page - Texas Instruments TMS320VC5509 Datasheet HTML 95Page - Texas Instruments TMS320VC5509 Datasheet HTML 96Page - Texas Instruments TMS320VC5509 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 124 page
background image
Electrical Specifications
93
April 2001 − Revised January 2008
SPRS163H
5.8.3 Warm Reset
Table 5−16 and Table 5−17 assume testing over recommended operating conditions (see Figure 5−16).
Table 5−16. Reset Timing Requirements
NO.
MIN
MAX
UNIT
R4
tw(RSL)
Pulse width, reset low
3P†
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 144 MHz, use P = 6.94 ns.
Table 5−17. Reset Switching Characteristics†
NO.
PARAMETER
MIN
MAX
UNIT
R5
td(RSTH-BKV)
Delay time, reset high to BK group valid‡
38P + 6
ns
R6
td(RSTH-HIGHV)
Delay time, reset high to High group valid§
38P + 6
ns
R7
td(RSTL-ZIV)
Delay time, reset low to Z group invalid¶
20
ns
R8
td(RSTH-ZV)
Delay time, reset high to Z group valid¶
38P + 6
ns
† P = 1/CPU clock frequency in ns. For example, when running parts at 144 MHz, use P = 6.94 ns.
‡ BK group: Pins with bus keepers, holds previous state during reset. Following low-to-high transition of RESET, these pins go to their post-reset
logic state.
BK group pins: A’[0], A[15:0], D[15:0], C[14:2], C0, GPIO5, S13, and S23
§ High group: Following low-to-high transition of RESET, these pins go to logic-high state.
High group pins: C1[HPI.HINT], XF
¶ Z group: Bidirectional pins which become input or output pins. Following low-to-high transition of RESET, these pins go to high-impedance state.
Z group pins: C1[EMIF.AOE], GPIO[7:6, 4:0], TIN/TOUT0, SDA, SCL, CLKR0, FSRX0, CLKX0, DX0, FSX0, S[25:24, 22:20, 15:14, 12:10],
A[20:16]
RESET
BK Group†
High Group‡
Z Group§
R5
R7
R6
R8
† BK group pins: A’[0], A[15:0], D[15:0], C[14:2], C0, GPIO5, S13, and S23
‡ High group pins: C1[HPI.HINT], XF
§ Z group pins: C1[EMIF.AOE], GPIO[7:6, 4:0], TIN/TOUT0, SDA, SCL, CLKR0, FSRX0, CLKX0, DX0, FSX0, S[25:24, 22:20, 15:14, 12:10],
A[20:16]
Figure 5−16. Reset Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com