Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 68 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 68 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 64Page - Texas Instruments TMS320VC5509 Datasheet HTML 65Page - Texas Instruments TMS320VC5509 Datasheet HTML 66Page - Texas Instruments TMS320VC5509 Datasheet HTML 67Page - Texas Instruments TMS320VC5509 Datasheet HTML 68Page - Texas Instruments TMS320VC5509 Datasheet HTML 69Page - Texas Instruments TMS320VC5509 Datasheet HTML 70Page - Texas Instruments TMS320VC5509 Datasheet HTML 71Page - Texas Instruments TMS320VC5509 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 124 page
background image
Functional Overview
68
April 2001 − Revised January 2008
SPRS163H
3.10.3
Waking Up From IDLE Condition
One of the following four events can wake up the CPU from IDLE:
•
Hardware Reset
•
External Interrupt
•
RTC Interrupt
•
USB Event (Reset or Resume)
3.10.3.1 Waking Up From IDLE With Oscillator Disabled
With an external interrupt, a RTC interrupt, or an USB resume/reset, the clock generation circuit wakes up the
oscillator and enables the USB PLL to determine the oscillator stable time. In the case of the interrupt being
disabled by clearing the associated bit in the Interrupt Enable Register (IERx), the CPU is not “woken up”. If
the interrupt due to the wake-up event is enabled, the interrupt is sent to the CPU only after the oscillator is
stabilized and the USB PLL is locked. If the external interrupt serves as the wake-up event, the interrupt line
must stay low for a minimum of 3 CPU cycles after the oscillator is stabilized to wake up the CPU. Otherwise,
only the clock domain will wake up and another external interrupt will be needed to wake up the CPU.
Once out of IDLE, any system not using the USB should put the USB module in idle mode to reduce power
consumption.
For more details on the TMS320VC5509 oscillator-disable process, see the Disabling the Internal Oscillator
on the TMS320VC5507/5509/5509A DSP application report (literature number SPRA078).
3.10.4
Idling Clock Domain When External Parallel Bus Operating in EHPI Mode
The clock domain cannot be idled when the External Parallel Bus is operating in EHPI mode to ensure host
access to the DSP memory. To work around this restriction, use the HIDL bit of the External Bus Selection
Register (EBSR) with the CLKGENI bit of the Idle Control Register (ICR) to idle the clock domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com