Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 28 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 24Page - Texas Instruments TMS320VC5509 Datasheet HTML 25Page - Texas Instruments TMS320VC5509 Datasheet HTML 26Page - Texas Instruments TMS320VC5509 Datasheet HTML 27Page - Texas Instruments TMS320VC5509 Datasheet HTML 28Page - Texas Instruments TMS320VC5509 Datasheet HTML 29Page - Texas Instruments TMS320VC5509 Datasheet HTML 30Page - Texas Instruments TMS320VC5509 Datasheet HTML 31Page - Texas Instruments TMS320VC5509 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 124 page
background image
Introduction
28
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
TEST/EMULATION PINS
TCK
I
IEEE standard 1149.1 test clock. TCK is normally a free-running clock
signal with a 50% duty cycle. The changes on test access port (TAP) of
input signals TMS and TDI are clocked into the TAP controller, instruction
register, or selected test data register on the rising edge of TCK. Changes
at the TAP output signal (TDO) occur on the falling edge of TCK.
PU
H
Input
TDI
I
IEEE standard 1149.1 test data input. Pin with internal pullup device. TDI is
clocked into the selected register (instruction or data) on a rising edge of
TCK.
PU
Input
TDO
O/Z
IEEE standard 1149.1 test data output. The contents of the selected
register (instruction or data) are shifted out of TDO on the falling edge of
TCK. TDO is in the high-impedance state except when the scanning of
data is in progress.
Hi-Z
TMS
I
IEEE standard 1149.1 test mode select. Pin with internal pullup device.
This serial control input is clocked into the TAP controller on the rising edge
of TCK.
PU
Input
TRST
I
IEEE standard 1149.1 test reset. TRST, when high, gives the IEEE
standard 1149.1 scan system control of the operations of the device. If
TRST is not connected or driven low, the device operates in its functional
mode, and the IEEE standard 1149.1 signals are ignored. This pin has an
internal pulldown.
PD
Input
EMU0
I/O/Z
Emulator 0 pin. When TRST is driven low, EMU0 must be high for
activation of the OFF condition. When TRST is driven high, EMU0 is used
as an interrupt to or from the emulator system and is defined as I/O by way
of the IEEE standard 1149.1 scan system.
PU
Input
EMU1/OFF
I/O/Z
Emulator 1 pin/disable all outputs. When TRST is driven high, EMU1/OFF
is used as an interrupt to or from the emulator system and is defined as I/O
by way of IEEE standard 1149.1 scan system. When TRST is driven low,
EMU1/OFF is configured as OFF. The EMU1/OFF signal, when
active-low, puts all output drivers into the high-impedance state. Note that
OFF is used exclusively for testing and emulation purposes (not for
multiprocessing applications). Therefore, for the OFF condition, the
following apply: TRST = low, EMU0 = high, EMU1/OFF = low
PU
Input
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com