Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 92 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 88Page - Texas Instruments TMS320VC5509 Datasheet HTML 89Page - Texas Instruments TMS320VC5509 Datasheet HTML 90Page - Texas Instruments TMS320VC5509 Datasheet HTML 91Page - Texas Instruments TMS320VC5509 Datasheet HTML 92Page - Texas Instruments TMS320VC5509 Datasheet HTML 93Page - Texas Instruments TMS320VC5509 Datasheet HTML 94Page - Texas Instruments TMS320VC5509 Datasheet HTML 95Page - Texas Instruments TMS320VC5509 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 124 page
background image
Electrical Specifications
92
April 2001 − Revised January 2008
SPRS163H
5.8
Reset Timings
5.8.1 Power-Up Reset (On-Chip Oscillator Active)
Table 5−13 assumes testing over recommended operating conditions (see Figure 5−14).
Table 5−13. Power-Up Reset (On-Chip Oscillator Active) Timing Requirements
NO.
MIN
MAX
UNIT
R1
th(SUPSTBL-RSTL)
Hold time, RESET low after oscillator stable†
3P‡
ns
† Oscillator stable time depends on the crystal characteristic (i.e., frequency, ESR, etc.) which varies from one crystal manufacturer to another.
Based on the crystal characteristics, the oscillator stable time can be in the range of a few to 10s of ms. A reset circuit with 100 ms or more delay
time will ensure the oscillator stabilized before the RESET goes high.
‡ P = 1/(input clock frequency) in ns. For example, when input clock is 12 MHz, P = 83.33 ns.
R1
CLKOUT
CVDD
DVDD
RESET
Figure 5−14. Power-Up Reset (On-Chip Oscillator Active) Timings
5.8.2 Power-Up Reset (On-Chip Oscillator Inactive)
Table 5−14 and Table 5−15 assume testing over recommended operating conditions (see Figure 5−15).
Table 5−14. Power-Up Reset (On-Chip Oscillator Inactive) Timing Requirements
NO.
MIN
MAX
UNIT
R2
th(CLKOUTV-RSTL)
Hold time, CLKOUT valid to RESET low
3P‡
ns
‡ P = 1/(input clock frequency) in ns. For example, when input clock is 12 MHz, P = 83.33 ns.
Table 5−15. Power-Up Reset (On-Chip Oscillator Inactive) Switching Characteristics
NO.
PARAMETER
MIN
MAX
UNIT
R3
td(CLKINV-CLKOUTV)
Delay time, CLKIN valid to CLKOUT valid
30
ns
CVDD
DVDD
R3
R2
CLKOUT
X2/CLKIN
RESET
Figure 5−15. Power-Up Reset (On-Chip Oscillator Inactive) Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com