Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 21Page - Texas Instruments TMS320VC5509 Datasheet HTML 22Page - Texas Instruments TMS320VC5509 Datasheet HTML 23Page - Texas Instruments TMS320VC5509 Datasheet HTML 24Page - Texas Instruments TMS320VC5509 Datasheet HTML 25Page - Texas Instruments TMS320VC5509 Datasheet HTML 26Page - Texas Instruments TMS320VC5509 Datasheet HTML 27Page - Texas Instruments TMS320VC5509 Datasheet HTML 28Page - Texas Instruments TMS320VC5509 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
Introduction
25
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
MULTICHANNEL BUFFERED SERIAL PORTS SIGNALS
CLKR0
I/O/Z
McBSP0 receive clock. CLKR0 serves as the serial shift clock for the serial
port receiver. At reset, this pin is in high-impedance mode.
H
Hi-Z
DR0
I
McBSP0 receive data
Input
FSR0
I/O/Z
McBSP0 receive frame synchronization. The FSR0 pulse initiates the data
receive process over DR0. At reset, this pin is in high-impedance mode.
Hi-Z
CLKX0
I/O/Z
McBSP0 transmit clock. CLKX0 serves as the serial shift clock for the
serial port transmitter. The CLKX0 pin is configured as input after reset.
H
Input
DX0
O/Z
McBSP0 transmit data. DX0 is placed in the high-impedance state when
not transmitting, when RESET is asserted, or when OFF is low.
Hi-Z
FSX0
I/O/Z
McBSP0 transmit frame synchronization. The FSX0 pulse initiates the
data transmit process over DX0. Configured as an input following reset.
Input
S10
I/O/Z
McBSP1
receive
clock
or
MultiMedia
Card/Secure
Digital1
command/response. At reset, this pin is configured as McBSP1.CLKR.
McBSP1.CLKR
I/Z
McBSP1 receive clock. McBSP1.CLKR serves as the serial shift clock for
the serial port receiver. McBSP1.CLKR is selected when the External Bus
Selection Register has 00 in the Serial Port1 Mode bit field or following
reset.
H
Input
MMC1.CMD
SD1.CMD
I/O/Z
MMC1 or SD1 command/response is selected when the External Bus
Selection Register has 10 in the Serial Port1 Mode bit field.
S11
I/O/Z
McBSP1 data receive or Secure Digital1 data1. At reset, this pin is
configured as McBSP1.DR.
McBSP1.DR
I/Z
McBSP1 serial data receive. McBSP1.DR is selected when the External
Bus Selection Register has 00 in the Serial Port1 Mode bit field or following
reset.
Input
SD1.DAT1
I/O/Z
SD1 data1 is selected when the External Bus Selection Register has 10 in
the Serial Port1 Mode bit field.
S12
I/O/Z
McBSP1 receive frame synchronization or Secure Digital1 data2. At reset,
this pin is configured as McBSP1.FSR.
McBSP1.FSR
I/Z
McBSP1 receive frame synchronization. The McBSP1.FSR pulse initiates
the data receive process over McBSP1.DR.
Input
SD1.DAT2
I/O/Z
SD1 data2 is selected when the External Bus Selection Register has 10 in
the Serial Port1 Mode bit field.
S13
O/Z
McBSP1 serial data transmit or MultiMedia Card/Secure Digital1 serial
clock. At reset, this pin is configured as McBSP1.DX.
McBSP1.DX
O/Z
McBSP1
serial
data
transmit.
McBSP1.DX
is
placed
in
the
high-impedance state when not transmitting, when RESET is asserted, or
when OFF is low. McBSP1.DX is selected when the External Bus
Selection Register has 00 in the Serial Port1 Mode bit field or following
reset.
BK
Hi-Z
MMC1.CLK
SD1.CLK
O
MMC1 or SD1 serial clock is selected when the External Bus Selection
Register has 10 in the Serial Port1 Mode bit field.
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com