Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 18Page - Texas Instruments TMS320VC5509 Datasheet HTML 19Page - Texas Instruments TMS320VC5509 Datasheet HTML 20Page - Texas Instruments TMS320VC5509 Datasheet HTML 21Page - Texas Instruments TMS320VC5509 Datasheet HTML 22Page - Texas Instruments TMS320VC5509 Datasheet HTML 23Page - Texas Instruments TMS320VC5509 Datasheet HTML 24Page - Texas Instruments TMS320VC5509 Datasheet HTML 25Page - Texas Instruments TMS320VC5509 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
Introduction
22
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
PARALLEL BUS (CONTINUED)
C10
I/O/Z
EMIF SDRAM row strobe, HPI address strobe, or general-purpose IO12.
This pin serves in one of three functions: EMIF SDRAM row strobe
(EMIF.SDRAS), HPI address strobe (HPI.HAS), or general-purpose IO12
(GPIO12). The initial state of this pin depends on the GPIO0 pin. See
Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.SDRAS
O/Z
Active-low EMIF SDRAM row strobe. EMIF.SDRAS is selected when the
Parallel Port Mode bit field of the External Bus Selection Register is set to
00 or 01.
BK
Output,
EMIF.SDRAS
GPIO0 = 0:
HPI.HAS
I
Active-low HPI address strobe. This signal latches the address in the HPIA
register in the HPI Multiplexed mode. HPI.HAS is selected when the
Parallel Port Mode bit field is set to 11.
GPIO0 = 0:
Input,
HPI.HAS
GPIO12
I/O/Z
General-purpose IO12. GPIO12 is selected when the Parallel Port Mode
bit field is set to 10.
C11
I/O/Z
EMIF SDRAM column strobe or HPI chip select input. This pin serves in
one of two functions: EMIF SDRAM column strobe (EMIF.SDCAS) or HPI
chip select input (HPI.HCS). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.SDCAS
EMIF.SDCAS
O/Z
Active-low EMIF SDRAM column strobe. EMIF.SDCAS is selected when
the Parallel Port Mode bit field of the External Bus Selection Register is set
to 00 or 01.
BK
EMIF.SDCAS
GPIO0 = 0:
Input,
HPI.HCS
I
HPI Chip Select Input. HPI.HCS is the select input for the HPI and must be
driven low during accesses. HPI.HCS is selected when the Parallel Port
Mode bit field is set to 10 or 11.
Input,
HPI.HCS
C12
I/O/Z
EMIF SDRAM write enable or HPI Data Strobe 1 input. This pin serves in
one of two functions: EMIF SDRAM write enable (EMIF.SDWE) or HPI
data strobe 1 (HPI.HDS1). The initial state of this pin depends on the
GPIO0 pin. See Section 3.5.1 for more information.
GPIO0 = 1:
Output,
EMIF.SDWE
EMIF.SDWE
O/Z
EMIF SDRAM write enable. EMIF. SDWE is selected when the Parallel
Port Mode bit field of the External Bus Selection Register is set to 00 or 01.
BK
EMIF.SDWE
GPIO0 = 0:
HPI.HDS1
I
HPI Data Strobe 1 Input. HPI.HDS1 is driven by the host read or write
strobes to control the transfer. HPI.HDS1 is selected when the Parallel
Port Mode bit field is set to 10 or 11.
GPIO0 = 0:
Input,
HPI.HDS1
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com