| Electronic Components Datasheet Search |
|
TMS320VC5509 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC5509 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 124 page ![]() Functional Overview 65 April 2001 − Revised January 2008 SPRS163H 3.10 Interrupts Vector-relative locations and priorities for all internal and external interrupts are shown in Table 3−37. Table 3−37. Interrupt Table NAME SOFTWARE (TRAP) EQUIVALENT RELATIVE LOCATION† (HEX BYTES) PRIORITY FUNCTION RESET SINT0 0 0 Reset (hardware and software) NMI‡ SINT1 8 1 Nonmaskable interrupt BERR SINT24 C0 2 Bus Error interrupt INT0 SINT2 10 3 External interrupt #0 INT1 SINT16 80 4 External interrupt #1 INT2 SINT3 18 5 External interrupt #2 TINT0 SINT4 20 6 Timer #0 interrupt RINT0 SINT5 28 7 McBSP #0 receive interrupt XINT0 SINT17 88 8 McBSP #0 transmit interrupt RINT1 SINT6 30 9 McBSP #1 receive interrupt XINT1/MMCSD1 SINT7 38 10 McBSP #1 transmit interrupt, MMC/SD #1 interrupt USB SINT8 40 11 USB interrupt DMAC0 SINT18 90 12 DMA Channel #0 interrupt DMAC1 SINT9 48 13 DMA Channel #1 interrupt DSPINT SINT10 50 14 Interrupt from host INT3/WDTINT SINT11 58 15 External interrupt #3 or Watchdog timer interrupt INT4/RTC§ SINT19 98 16 External interrupt #4 or RTC interrupt RINT2 SINT12 60 17 McBSP #2 receive interrupt XINT2/MMCSD2 SINT13 68 18 McBSP #2 transmit interrupt , MMC/SD #2 interrupt DMAC2 SINT20 A0 19 DMA Channel #2 interrupt DMAC3 SINT21 A8 20 DMA Channel #3 interrupt DMAC4 SINT14 70 21 DMA Channel #4 interrupt DMAC5 SINT15 78 22 DMA Channel #5 interrupt TINT1 SINT22 B0 23 Timer #1 interrupt IIC SINT23 B8 24 I2C interrupt DLOG SINT25 C8 25 Data Log interrupt RTOS SINT26 D0 26 Real-time Operating System interrupt − SINT27 D8 27 Software interrupt #27 − SINT28 E0 28 Software interrupt #28 − SINT29 E8 29 Software interrupt #29 − SINT30 F0 30 Software interrupt #30 − SINT31 F8 31 Software interrupt #31 † Absolute addresses of the interrupt vector locations are determined by the contents of the IVPD and IVPH registers. Interrupt vectors for interrupts 0−15 and 24−31 are relative to IVPD. Interrupt vectors for interrupts 16−23 are relative to IVPH. ‡ The NMI pin is internally tied high. However, NMI interrupt vector can be used for SINT1 and Watchdog Timer Interrupt. § It is recommended that either the INT4 or RTC interrupt be used. If both INT4 and RTC interrupts are used, one interrupt event can potentially hold off the other interrupt. For example, if INT4 is asserted first and held low, the RTC interrupt will not be recognized until the INT4 pin is back to high-logic state again. The INT4 pin must be pulled high if only the RTC interrupt is used. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |