Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 44Page - Texas Instruments TMS320VC5509 Datasheet HTML 45Page - Texas Instruments TMS320VC5509 Datasheet HTML 46Page - Texas Instruments TMS320VC5509 Datasheet HTML 47Page - Texas Instruments TMS320VC5509 Datasheet HTML 48Page - Texas Instruments TMS320VC5509 Datasheet HTML 49Page - Texas Instruments TMS320VC5509 Datasheet HTML 50Page - Texas Instruments TMS320VC5509 Datasheet HTML 51Page - Texas Instruments TMS320VC5509 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
Functional Overview
48
April 2001 − Revised January 2008
SPRS163H
3.6.3 EHPI General-Purpose I/O
Six control lines of the External Parallel Bus can also be set as general-purpose I/O when the Parallel Port
Mode bit field of the External Bus Selection Register is set to Nonmultiplexed EHPI (10) or Multiplexed EHPI
mode (11). These pins are controlled by three registers: the enable register, EHPIGPIOEN, determines if the
pins serve as GPIO or address (Figure 3−14); the direction register, EHPIGPIODIR, determines if the GPIO
enabled pin is an input or output (Figure 3−15); and the data register, EHPIGPIODATA, determines the logic
states of the pins in GPIO mode (Figure 3−16).
15
6
5
43
21
0
Reserved
GPIOEN13
GPIOEN12
GPIOEN11
GPIOEN10
GPIOEN9
GPIOEN8
R, 0000 0000 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−14. EHPI GPIO Enable Register (EHPIGPIOEN) Bit Layout
Table 3−14. EHPI GPIO Enable Register (EHPIGPIOEN) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−6
Reserved
0
Reserved
5−0
GPIOEN13−
GPIOEN8
0
Enable or disable GPIO function of EHPI Control Bus.
GPIOENx = 0
GPIO function of GPIOx line is disabled
GPIOENx = 1
GPIO function of GPIOx line is enabled
15
6
5
43
21
0
Reserved
GPIODIR13
GPIODIR12
GPIODIR11
GPIODIR10
GPIODIR9
GPIODIR8
R, 0000 0000 00
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
R/W, 0
LEGEND: R = Read, W = Write, n = value after reset
Figure 3−15. EHPI GPIO Direction Register (EHPIGPIODIR) Bit Layout
Table 3−15. EHPI GPIO Direction Register (EHPIGPIODIR) Bit Functions
BIT
NO.
BIT
NAME
RESET
VALUE
FUNCTION
15−6
Reserved
0
Reserved
5−0
GPIODIR13−
GPIODIR8
0
Data direction bits that configure the EHPI Control Bus configured as I/O pins as either input or output
pins.
GPIODIRx = 0
Configure corresponding pin as an input.
GPIODIRx = 1
Configure corresponding pin as an output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com