Electronic Components Datasheet Search
  English  ▼

X  

TMS320VC5509 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC5509
Description  Fixed-Point Digital Signal Processor
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5509 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5509 Datasheet HTML 20Page - Texas Instruments TMS320VC5509 Datasheet HTML 21Page - Texas Instruments TMS320VC5509 Datasheet HTML 22Page - Texas Instruments TMS320VC5509 Datasheet HTML 23Page - Texas Instruments TMS320VC5509 Datasheet HTML 24Page - Texas Instruments TMS320VC5509 Datasheet HTML 25Page - Texas Instruments TMS320VC5509 Datasheet HTML 26Page - Texas Instruments TMS320VC5509 Datasheet HTML 27Page - Texas Instruments TMS320VC5509 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 124 page
background image
Introduction
24
April 2001 − Revised January 2008
SPRS163H
Table 2−3. Signal Descriptions (Continued)
TERMINAL
NAME
RESET
CONDITION
BK‡
FUNCTION
I/O/Z†
MULTIPLEXED
SIGNAL NAME
BIT I/O SIGNALS
GPIO[7:6,4:0] (LQFP)
GPIO[7:0] (BGA)
I/O/Z
7-bit (LQFP package) or 8-bit (BGA package) Input/Output lines that can
be individually configured as inputs or outputs, and also individually set or
reset when configured as outputs. At reset, these pins are configured as
inputs. After reset, the on-chip bootloader sample GPIO[3:0] to determine
the boot mode selected.
BK
(GPIO5
only)
Input
XF
O/Z
External flag. XF is set high by the BSET XF instruction, set low by BCLR
XF instruction or by loading ST1. XF is used for signaling other processors
in multiprocessor configurations or used as a general-purpose output pin.
XF goes into the high-impedance state when OFF is low, and is set high
following reset.
Output
OSCILLATOR/CLOCK SIGNALS
CLKOUT
O/Z
DSP clock output signal. CLKOUT cycles at the machine-cycle rate of the
CPU. CLKOUT goes into high-impedance state when OFF is low.
Output
X2/CLKIN
I/O
System clock/oscillator input. If the internal oscillator is not being used,
X2/CLKIN functions as the clock input.
NOTE: The USB module requires a 48 MHz clock. Since this input clock
is used by both the CPU PLL and the USB module PLL, it must
be a factor of 48 MHz in order for the programmable PLL to
produce the required 48 MHz USB module clock.
In CLKGEN domain idle (oscillator idle) mode, this pin becomes
output and is driven low to stop external crystals (if used) from
oscillating or an external clock source from driving the DSP’s
internal logic.
Oscillator
Input
X1
O
Output pin from the internal system oscillator for the crystal. If the internal
oscillator is not used, X1 should be left unconnected. X1 does not go into
the high-impedance state when OFF is low.
Oscillator
Output
TIMER SIGNALS
TIN/TOUT0
I/O/Z
Timer0 Input/Output. When output, TIN/TOUT0 signals a pulse or a
change of state when the on-chip timer counts down past zero. When
input, TIN/TOUT0 provides the clock source for the internal timer module.
At reset, this pin is configured as an input.
NOTE: Only the Timer0 signal is brought out. The Timer1 signal is
terminated internally and is not available for external use.
Input
REAL-TIME CLOCK
RTCINX1
I
Real-Time Clock Oscillator input
Input
RTCINX2
O
Real-Time Clock Oscillator output
Output
I2C
SDA
I/O/Z
I2C (bidirectional) data. At reset, this pin is in high-impedance mode.
Hi-Z
SCL
I/O/Z
I2C (bidirectional) clock. At reset, this pin is in high-impedance mode.
Hi-Z
† I = Input, O = Output, S = Supply, Hi-Z = High-impedance
‡ BK = bus keeper (the bus keeper maintains the previous voltage level during reset or while the output pin is not driven), PU = pullup,
PD = pulldown, H = hysteresis input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com