Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 26Page - Texas Instruments ADS7229IPWR Datasheet HTML 27Page - Texas Instruments ADS7229IPWR Datasheet HTML 28Page - Texas Instruments ADS7229IPWR Datasheet HTML 29Page - Texas Instruments ADS7229IPWR Datasheet HTML 30Page - Texas Instruments ADS7229IPWR Datasheet HTML 31Page - Texas Instruments ADS7229IPWR Datasheet HTML 32Page - Texas Instruments ADS7229IPWR Datasheet HTML 33Page - Texas Instruments ADS7229IPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
DIGITAL INTERFACE
Internal Register
WRITING TO THE CONVERTER
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
The serial clock is designed to accommodate the latest high-speed processors with an SCLK frequency up to
50MHz. Each cycle starts with the falling edge of FS/CS. The internal data register content that is made available
to the output register at the EOC (presented on the SDO output pin at the falling edge of FS/CS) is the MSB.
Output data are valid at the falling edge of SCLK with a td(SCLKF-SDOVALID) delay so that the host processor can
read it at the falling edge. Serial data input is also read at the falling edge of SCLK.
The complete serial I/O cycle starts with the first falling edge of SCLK after the falling edge of FS/CS and ends
16 falling edges of SCLK later (see NOTE). The serial interface is very flexible. It works with CPOL = 0 , CPHA =
1 or CPOL = 1, CPHA = 0. This flexibility means the falling edge of FS/CS may fall while SCLK is high. The
same relaxation applies to the rising edge of FS/CS where SCLK may be high or low as long as the last SCLK
falling edge occurs before the rising edge of FS/CS.
NOTE:
There are cases where a cycle is 4 SCLKs or up to 24 SCLKs depending on the read
mode combination. See Table 3 and Table 6 for details.
The internal register consists of two parts, 4 bits for the command register (CMR) and 12 bits for configuration
data register (CFR).
Table 3. Command Set Defined by Command Register (CMR)(1)
WAKE-UP FROM
MINIMUM SCLKs
D[15:12]
HEX
COMMAND
D[11:0]
AUTO NAP
REQUIRED
R/W
0000b
0h
Select analog input channel 0(2)
Don't care
Y
4
W
0001b
1h
Select analog input channel 1(2)
Don't care
Y
4
W
0010b
2h
Don't care
Don't care
–
–
–
0011b
3h
Don't care
Don't care
–
–
–
0100b
4h
Don't care
Don't care
–
–
–
0101b
5h
Don't care
Don't care
–
–
–
0110b
6h
Don't care
Don't care
–
–
–
0111b
7h
Don't care
Don't care
–
–
–
1000b
8h
Reserved for factory test, don't use
Reserved
–
–
–
1001b
9h
Reserved for factory test, don't use
Reserved
–
–
–
1010b
Ah
Reserved for factory test, don't use
Reserved
–
–
–
1011b
Bh
Wake up
Don't care
Y
4
W
1100b
Ch
Read CFR
Don't care
–
16
R
1101b
Dh
Read data
Don't care
–
12
R
1110
Eh
Write CFR
CFR value
–
16
W
1111b
Fh
Default mode (load CFR with default value)
Don't care
Y
4
W
(1)
When SDO is not in 3-state mode (FS/CS low), the bits from SDO are always part of a conversion result (depending on how many
SCLKs are supplied).
(2)
These two commands apply to the ADS7230 only.
There are two different types of writes to the register, a 4-bit write to the CMR and a full 16-bit write to the CMR
plus CFR. The command set is listed in Table 3. A simple command requires only 4 SCLKs and the write takes
effect at the fourth falling edge of SCLK. A 16-bit write or read takes at least 16 SCLKs (see Table 6 for
exceptions that require more than 16 SCLKs).
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com