Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 19Page - Texas Instruments ADS7229IPWR Datasheet HTML 20Page - Texas Instruments ADS7229IPWR Datasheet HTML 21Page - Texas Instruments ADS7229IPWR Datasheet HTML 22Page - Texas Instruments ADS7229IPWR Datasheet HTML 23Page - Texas Instruments ADS7229IPWR Datasheet HTML 24Page - Texas Instruments ADS7229IPWR Datasheet HTML 25Page - Texas Instruments ADS7229IPWR Datasheet HTML 26Page - Texas Instruments ADS7229IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Driver Amplifier Choice
Bipolar to Unipolar Driver
ADS7229/30
+IN/(+IN1or+IN0)
-IN/COM
THS4031
20W
20W
470pF
50W
Input
Signal
(0Vto4V)
5V
+VA
ADS7229
+IN/(+IN1or+IN0)
-IN/COM
THS4031
20W
20W
1VDC
Input
Signal
(-2Vto2V)
5V
+VA
470pF
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
The analog input to the converter must be driven with a low-noise operational amplifier such as the THS4031 or
OPA365. An RC filter is recommended at the input pins to low-pass filter the noise from the source. Two 20
Ω
resistors and a 470pF capacitor are recommended. The input to the converter is a unipolar input voltage in the
range of 0V to VREF. The minimum –3dB bandwidth of the driving operational amplifier can be calculated as:
f3db = (ln(2) ×(n+1))/(2π × tACQ)
where n is equal to 12, the resolution of the ADC (in the case of the ADS7229/30). When tACQ = 120ns (minimum
acquisition time), the minimum bandwidth of the driving amplifier is 12MHz. The bandwidth can be relaxed if the
acquisition time is increased by the application. The OPA365 or THS4031 from Texas Instruments are
recommended. The THS4031 used in the source follower configuration to drive the converter is shown in a
typical input drive configuration, Figure 54.
In systems where the input is bipolar, the THS4031 can be used in the inverting configuration with an additional
dc bias applied to its positive input to keep the input to the ADS7229/30 within the rated operating voltage range.
This configuration is also recommended when the ADS7229/30 is used in signal processing applications where
good SNR and THD performance are required. The dc bias can be derived from the REF5025 or the REF5040
reference voltage ICs. The input configuration shown in Figure 55 is capable of delivering better than 72dB SNR
and –88.5dB THD at an input frequency of 10kHz. If bandpass filters are used to filter the input, care should be
taken to ensure that the signal swing at the input of the bandpass filter is small in order to keep the distortion
introduced by the filter minimal. In such cases, the gain of the circuit shown in Figure 55 can be increased to
keep the input to the ADS7229/30 large in order to maintain a high SNR of the system. Note that the gain of the
system from the positive input to the output of the THS4031 in such a configuration is a function of the ac signal
gain. A resistor divider can be used to scale the output of the REF5025 or REF5040 to reduce the voltage at the
dc input to the THS4031 to maintain the voltage at the converter input within its rated operating range.
Figure 54. Unipolar Input Drive Configuration
Figure 55. Bipolar Input Drive Configuration
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com