Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 17Page - Texas Instruments ADS7229IPWR Datasheet HTML 18Page - Texas Instruments ADS7229IPWR Datasheet HTML 19Page - Texas Instruments ADS7229IPWR Datasheet HTML 20Page - Texas Instruments ADS7229IPWR Datasheet HTML 21Page - Texas Instruments ADS7229IPWR Datasheet HTML 22Page - Texas Instruments ADS7229IPWR Datasheet HTML 23Page - Texas Instruments ADS7229IPWR Datasheet HTML 24Page - Texas Instruments ADS7229IPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
10kHzInput
+VA=5V
f =1MSPS
S
V
=5V
REF
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
100kHzInput
+VA=5V
f =1MSPS
S
V
=5V
REF
OutputCode
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
3
4
5
6
7
REF=2.5V
BVDD(V)
3.0
2.5
2.0
1.5
1.0
0.5
0
OutputCode
REF=5V
9000
8000
7000
6000
5000
4000
3000
2000
1000
0
2330
2331
2332
2333
2334
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
TYPICAL CHARACTERISTICS (continued)
At –40
°C to +85°C, V
REF [(REF+) – (REF–)] = 5V when +VA = +VBD = 5V or VREF [(REF+) – (REF–)] = 2.5V when +VA =
+VBD = 3V, fSCLK = 42MHz, or VREF = 2.5 when +VA = +VBD = 2.7V, fSCLK = 37.8MHz, and fi = dc for dc curves, fi = 100kHz
for ac curves with 5V supply and fi = 10kHz for ac curves with 3V supply, unless otherwise noted.
FFT
FFT
Figure 48.
Figure 49.
I/O SUPPLY CURRENT
vs I/O SUPPLY VOLTAGE
CODE HISTOGRAM
Figure 50.
Figure 51.
CODE HISTOGRAM
Figure 52.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com