Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 9Page - Texas Instruments ADS7229IPWR Datasheet HTML 10Page - Texas Instruments ADS7229IPWR Datasheet HTML 11Page - Texas Instruments ADS7229IPWR Datasheet HTML 12Page - Texas Instruments ADS7229IPWR Datasheet HTML 13Page - Texas Instruments ADS7229IPWR Datasheet HTML 14Page - Texas Instruments ADS7229IPWR Datasheet HTML 15Page - Texas Instruments ADS7229IPWR Datasheet HTML 16Page - Texas Instruments ADS7229IPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
EOC
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
M
AL
ANU
TRIGGER/READ WhileConvert g
in
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow,TAGenabled,autochannelselect)
INT
SDO
SDI
NthCH0
t
SAMPLE1 =
3CCLKsMin
t
SAMPLE1 =
3CCLKsMin
NthCH0
N
1thC
-
H1
1……………………16
1101b
READResult
1101b
READResult
17
NthCH1
NthCH1
NthCH0
1……………………16 17
TAG=1
TAG=0
High-Z
High-Z
High-Z
t
4
t
3
t
CONV =18CCLKs
t
CONV =18CCLKs
t
CL
t
CL
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
Figure 5. Simplified Dual Channel Timing
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com