Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 28Page - Texas Instruments ADS7229IPWR Datasheet HTML 29Page - Texas Instruments ADS7229IPWR Datasheet HTML 30Page - Texas Instruments ADS7229IPWR Datasheet HTML 31Page - Texas Instruments ADS7229IPWR Datasheet HTML 32Page - Texas Instruments ADS7229IPWR Datasheet HTML 33Page - Texas Instruments ADS7229IPWR Datasheet HTML 34Page - Texas Instruments ADS7229IPWR Datasheet HTML 35Page - Texas Instruments ADS7229IPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
TAG Mode
Chain Mode
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
The falling edge of FS/CS should not be placed at the precise moment of the end of a conversion; otherwise, the
data may be corrupt. There must be a minimum of at least one conversion clock (CCLK) delay at the end of a
conversion. If FS/CS is placed before the end of a conversion, the previous conversion result is read. If FS/CS is
placed after the end of a conversion, the current conversion result is read.
The conversion result is 12-bit data in straight binary format as shown in Table 5. Generally, 12 SCLKs are
necessary, but there are exceptions where more than 12 SCLKS are required (see Table 6). Data output from
the serial output (SDO) is left-adjusted, MSB first. The 12-bit conversion result is followed by '0000', the TAG bit
(if enabled), and additional zeros. SDO remains low until FS/CS is brought high again.
Table 5. Ideal Input Voltages and Output Codes
DIGITAL OUTPUT
DESCRIPTION
ANALOG VALUE
STRAIGHT BINARY
Full-scale range
VREF
BINARY CODE
HEX CODE
Least significant bit (LSB)
VREF/4096
Full-scale
+VREF – 1LSB
1111 1111 1111
FFF
Midscale
VREF/2
1000 0000 0000
800
Midscale – 1LSB
VREF/2– 1LSB
0111 1111 1111
7FF
Zero
0V
0000 0000 0000
000
SDO is active when FS/CS is low. The rising edge of FS/CS 3-states the SDO output.
NOTE:
Whenever SDO is not in 3-state mode (that is, when FS/CS is low), a portion of the
conversion result is output at the SDO pin. The number of bits depends on how many
SCLKs are supplied. For example, a manual select channel command cycle requires
4 SCLKs; therefore, 4MSBs of the conversion result are output at SDO. The exception
is that SDO outputs all 1s during the cycle immediately after any reset (POR or
software reset).
If SCLK is used as the conversion clock (CCLK) and a continuous SCLK is used, it is not possible to clock out all
12 SDO bits during the sampling time (6 SCLKs) because of the quiet zone requirement. In this case, it is better
to read the conversion result during the conversion time (36 SCLKs or 48 SCLKs in Auto nap mode).
The ADS7230 includes a feature, TAG, that can be used as a tag to indicate which channel sourced the
converted result. An address bit is added after the LSB read out from SDO that indicates which channel the
result came from if TAG mode is enabled. This address bit is '0' for channel 0 and '1' for channel 1. The
converter requires more than the 16 SCLKs that are required for a 4-bit command plus 12-bit CFR or 12 data bits
followed by '0000' because of the additional TAG bit.
The ADS7229/30 can operate as a single converter or in a system with multiple converters. System designers
can take advantage of the simple, high-speed, SPI-compatible serial interface by cascading the devices in a
daisy-chain when multiple converters are used. A bit in the CFR is used to reconfigure the EOC/INT status pin as
a secondary serial data input, chain data input (CDI), for the conversion result from an upstream converter. This
configuration is chain mode operation. A typical connection of three converters is shown in Figure 61.
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com