Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 20Page - Texas Instruments ADS7229IPWR Datasheet HTML 21Page - Texas Instruments ADS7229IPWR Datasheet HTML 22Page - Texas Instruments ADS7229IPWR Datasheet HTML 23Page - Texas Instruments ADS7229IPWR Datasheet HTML 24Page - Texas Instruments ADS7229IPWR Datasheet HTML 25Page - Texas Instruments ADS7229IPWR Datasheet HTML 26Page - Texas Instruments ADS7229IPWR Datasheet HTML 27Page - Texas Instruments ADS7229IPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
REFERENCE
CONVERTER OPERATION
OSC
Divider
1/2
= 1
= 0
Conversion Clock
(CCLK)
CFR_D10
SPI Serial
Clock (SCLK)
Manual Channel Select Mode
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
The ADS7229/30 must operate with an external reference with a range from 0.3V to 5V. A clean, low-noise,
well-decoupled reference voltage on this pin is required to ensure good converter performance. A low-noise
bandgap reference such as the REF5040 can be used to drive this pin. A 22
µF ceramic decoupling capacitor is
required between the REF+ and REF– pins of the converter. These capacitors should be placed as close as
possible to the device pins. REF– should be connected to its own via to the analog ground plane with the
shortest possible distance. A series resistor between the reference and the REF50xx is neither required
(because the REF50xx is capable of driving a 22
µF capacitor while maintaining stability) nor recommended (due
to additional nonlinearity); see also Figure 67.
The ADS7229/30 has an oscillator that is used as an internal clock that controls the conversion rate. The
frequency of this clock is 21MHz minimum. The oscillator is always on unless the device is in the deep
power-down state or the device is programmed for using SCLK as the conversion clock (CCLK). The minimum
acquisition (sampling) time takes 3 CCLKs (equivalent to 143ns at 21MHz) and the conversion time takes 18
conversion clocks (CCLK) or approximately 857ns at 21MHz to complete one conversion.
The conversion can also be programmed to run based on the external serial clock, SCLK. This option allows a
system designer to achieve system synchronization. The serial clock SCLK, is first reduced to 1/2 of its
frequency before it is used as the conversion clock (CCLK). For example, with a 42MHz SCLK, this reduction
provides a 21MHz clock for conversions. If it is desired to start a conversion at a specific rising edge of SCLK
when the external SCLK is programmed as the source of the conversion clock (and manual conversion start is
selected), the setup time between CONVST and that rising SCLK edge should be observed. This configuration
ensures that the conversion is complete in 18 CCLKs (or 36 SCLKs). The minimum setup time is 20ns to ensure
synchronization between CONVST and SCLK. In many cases, the conversion can start one SCLK period (or
CCLK) later, which results in a conversion of 19 CCLKs (or 37 SCLKs). The 20ns setup time is not required if the
synchronization is not critical in the application.
The duty cycle of SCLK is not critical as long as it meets the minimum high and low time requirements of 8ns.
The ADS7229/30 is designed for high-speed applications; therefore, a higher serial clock (SCLK) must be
supplied to be able to sustain the high throughput with the serial interface. As a result, the clock period of SCLK
must be at most 1
µs (when used as the conversion clock, CCLK). The minimum clock frequency is also
governed by the parasitic leakage of the capacitive digital-to-analog (CDAC) capacitors internal to the
ADS7229/30.
Figure 56. Converter Clock
The conversion cycle starts with selecting an acquisition channel by writing a channel number to the command
register, CMR. The command length can be as short as four SCLKs.
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com