Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 7Page - Texas Instruments ADS7229IPWR Datasheet HTML 8Page - Texas Instruments ADS7229IPWR Datasheet HTML 9Page - Texas Instruments ADS7229IPWR Datasheet HTML 10Page - Texas Instruments ADS7229IPWR Datasheet HTML 11Page - Texas Instruments ADS7229IPWR Datasheet HTML 12Page - Texas Instruments ADS7229IPWR Datasheet HTML 13Page - Texas Instruments ADS7229IPWR Datasheet HTML 14Page - Texas Instruments ADS7229IPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
E C
O
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL TRIGGER/READ WhileSampling
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
S O
D
S I
D
Nth
Nth
Nth
1
-
1…………
…
……… 16
1
Nth
1101b
READResult
1101b
READResult
t
4
t
SAMPLE1 =3CCLKsMin
t
=
CONV
18CCLKs
t
CL
t
2
Nth
Nth
1
-
EOC
(activelow)
CONVST
FS/CS
INT
(activelow)
SCLK
MANUAL
IGGE
EAD
TR
R/R
WhileConverting
(useinternalCCLK,EOC,and
polarityprogrammedasactivelow)
INT
SDO
SDI
Nth
t
SAMPLE1 =3CCLKsMin
Nth
Nth
1
-
1……………………16
1
Nth
1101b
READResult
1101b
READResult
t
4
N+1th
t
CONV = 18 CCLKs
t
CL
t
3
N+1th
Nth+1
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
Figure 1. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Sampling)
Figure 2. Timing for Conversion and Acquisition Cycles for Manual Trigger (Read While Converting)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com