Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 25Page - Texas Instruments ADS7229IPWR Datasheet HTML 26Page - Texas Instruments ADS7229IPWR Datasheet HTML 27Page - Texas Instruments ADS7229IPWR Datasheet HTML 28Page - Texas Instruments ADS7229IPWR Datasheet HTML 29Page - Texas Instruments ADS7229IPWR Datasheet HTML 30Page - Texas Instruments ADS7229IPWR Datasheet HTML 31Page - Texas Instruments ADS7229IPWR Datasheet HTML 32Page - Texas Instruments ADS7229IPWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
N
N+1
Manual Trigger
Converter
State
Wake-Up
N −th Sampling
>=3CCLK
N −th Conversion
=18 CCLK
Wake-Up
N+1 −th Sampling
>=3CCLK
N+1 −th Conversion
=18 CCLK
ReadN−1 −th
Result
20nsMIN
Read N −th
Result
20nsMIN
40nsMIN
EOC
(programmed
Active Low)
POWERDOWN
POWERDOWN
CONVST
CS
Read While Converting
6 CCLKs
6 CCLKs
(wake up by CONVST)
ADS7229
ADS7230
www.ti.com........................................................................................................................................................................................................ SBAS437 – MAY 2008
Figure 60. Read While Converting with Auto Nap Power-Down
Total Acquisition + Conversion Cycle Time:
Auto trigger: = 21 CCLKs
Manual:
≥ 21 CCLKs
Manual + deep
≥ 4 SCLK + 100
µs + 3 CCLK + 18 CCLK +16 SCLK + 1µs
power-down:
Manual + nap power-down:
≥ 4 SCLK + 3 CCLK + 3 CCLK + 18 CCLK +16 SCLK
Manual + auto nap
≥ 1 CCLK + 3 CCLK + 3 CCLK + 18 CCLK +16 SCLK (use CONVST to resume)
power-down:
Manual + auto nap
≥ 4 SCLK + 3 CCLK + 3 CCLK + 18 CCLK +16 SCLK (use wake up to resume)
power-down:
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com