Electronic Components Datasheet Search
  English  ▼

X  

ADS7229IPWR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7229IPWR
Description  LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7229IPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS7229IPWR Datasheet HTML 16Page - Texas Instruments ADS7229IPWR Datasheet HTML 17Page - Texas Instruments ADS7229IPWR Datasheet HTML 18Page - Texas Instruments ADS7229IPWR Datasheet HTML 19Page - Texas Instruments ADS7229IPWR Datasheet HTML 20Page - Texas Instruments ADS7229IPWR Datasheet HTML 21Page - Texas Instruments ADS7229IPWR Datasheet HTML 22Page - Texas Instruments ADS7229IPWR Datasheet HTML 23Page - Texas Instruments ADS7229IPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Code
0
4000
1000
+VA=3V
2000
3000
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
Code
0.25
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-0.25
0
4000
1000
+VA=3V
2000
3000
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
5kHzInput
+VA=3V
f =1MSPS
S
V
=2.5V
REF
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
10kHzInput
+VA=3V
f =1MSPS
S
V
=2.5V
REF
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
100kHzInput
+VA=3V
f =1MSPS
S
V
=2.5V
REF
Frequency(kHz)
100
0
-20
-40
-60
-80
-100
-120
-140
-160
0
200
300
400
500
5kHzInput
+VA=5V
f =1MSPS
S
V
=5V
REF
ADS7229
ADS7230
SBAS437 – MAY 2008........................................................................................................................................................................................................ www.ti.com
TYPICAL CHARACTERISTICS (continued)
At –40
°C to +85°C, V
REF [(REF+) – (REF–)] = 5V when +VA = +VBD = 5V or VREF [(REF+) – (REF–)] = 2.5V when +VA =
+VBD = 3V, fSCLK = 42MHz, or VREF = 2.5 when +VA = +VBD = 2.7V, fSCLK = 37.8MHz, and fi = dc for dc curves, fi = 100kHz
for ac curves with 5V supply and fi = 10kHz for ac curves with 3V supply, unless otherwise noted.
INTEGRAL NONLINEARITY
DIFFERENTIAL NONLINEARITY
Figure 42.
Figure 43.
FFT
FFT
Figure 44.
Figure 45.
FFT
FFT
Figure 46.
Figure 47.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS7229 ADS7230



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com