Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 32Page - Renesas Technology Corp 4282 Datasheet HTML 33Page - Renesas Technology Corp 4282 Datasheet HTML 34Page - Renesas Technology Corp 4282 Datasheet HTML 35Page - Renesas Technology Corp 4282 Datasheet HTML 36Page - Renesas Technology Corp 4282 Datasheet HTML 37Page - Renesas Technology Corp 4282 Datasheet HTML 38Page - Renesas Technology Corp 4282 Datasheet HTML 39Page - Renesas Technology Corp 4282 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instrunction
code
D8
D0
Flag CY
2
16
Rev.1.33
Mar 18, 2004
page 36 of 67
4282 Group
SNZP (Skip if Non Zero condition of Power down flag)
000000011
003
11
–
(P) = 1
Grouping:
Other operation
Description: Skips the next instruction when P flag is “1”.
After skipping, P flag remains unchanged.
SNZT1 (Skip if Non Zero condition of Timer 1 underflow flag)
001000010
042
11
–
(T1F) = 1
Grouping:
Timer operation
Description: Skips the next instruction when the con-
tents of T1F flag is “1.”
After skipping, clears (0) to T1F flag.
Operation:
(T1F) = 1 ?
After skipping, (T1F)
← 0
SNZT2 (Skip if Non Zero condition of Timer 2 inerrupt request flag)
001010010
052
11
–
(T2F) = 1
Grouping:
Timer operation
Description: Skips the next instruction when the con-
tents of T2F flag is “1.”
After skipping, clears (0) to T2F flag.
Operation:
(T2F) = 1 ?
After skipping, (T2F)
← 0
Operation:
(P) = 1 ?
SEAM (Skip Equal, Accumulator with Memory)
000100110
026
1
1
–
(A) = (M(DP))
Grouping:
Comparison operation
Description: Skips the next instruction when the con-
tents of register A is equal to the contents of
M(DP).
Operation:
(A) = (M(DP)) ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com