Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 42Page - Renesas Technology Corp 4282 Datasheet HTML 43Page - Renesas Technology Corp 4282 Datasheet HTML 44Page - Renesas Technology Corp 4282 Datasheet HTML 45Page - Renesas Technology Corp 4282 Datasheet HTML 46Page - Renesas Technology Corp 4282 Datasheet HTML 47Page - Renesas Technology Corp 4282 Datasheet HTML 48Page - Renesas Technology Corp 4282 Datasheet HTML 49Page - Renesas Technology Corp 4282 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
Instruction code
Function
Mnemonic
Hexadecimal
notation
Parameter
Type of
instructions
D8 D7 D6 D5 D4 D3 D2 D1 D0
Rev.1.33
Mar 18, 2004
page 46 of 67
4282 Group
LA n
TABP p
AM
AMC
A n
SC
RC
SZC
CMA
RAR
LGOP
(A)
← n
n = 0 to 15
(SK(SP))
← (PC)
(SP)
← (SP) + 1
(PCH)
← p, p=0 to 7 (Note)
(PCL)
← (DR2–DR0, A3–A0)
When URS=0,
(B)
← (ROM(PC))7 to 4
(A)
← (ROM(PC))3 to 0
When URS=1,
(CY)
← (ROM(PC))8
(B)
← (ROM(PC))7 to 4
(A)
← (ROM(PC))3 to 0
(SP)
← (SP) – 1
(PC)
← (SK(SP))
(A)
← (A) + (M(DP))
(A)
← (A) + (M(DP))+ (CY)
(CY)
← Carry
(A)
← (A) + n
n = 0 to 15
(CY)
← 1
(CY)
← 0
(CY) = 0 ?
(A)
← (A)
→ CY → A3A2A1A0
Logic operation instruction XOR, OR, AND
0B
n
09
p
00
A
00
B
0A
n
00
7
00
6
02
F
01
C
01
D
04
1
1
1
1
1
1
1
1
1
1
1
1
1
3
1
1
1
1
1
1
1
1
1
01011n3 n2 n1 n0
01001p3 p2 p1 p0
000001010
000001011
01010n3 n2 n1 n0
000000111
000000110
000101111
000011100
000011101
001000001
MACHINE INSTRUCTIONS (CONTINUED)
Note: p is 0 to 7 for M34282M1, p is 0 to 15 for M34282M2/E2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com