Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 6Page - Renesas Technology Corp 4282 Datasheet HTML 7Page - Renesas Technology Corp 4282 Datasheet HTML 8Page - Renesas Technology Corp 4282 Datasheet HTML 9Page - Renesas Technology Corp 4282 Datasheet HTML 10Page - Renesas Technology Corp 4282 Datasheet HTML 11Page - Renesas Technology Corp 4282 Datasheet HTML 12Page - Renesas Technology Corp 4282 Datasheet HTML 13Page - Renesas Technology Corp 4282 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 10 of 67
4282 Group
Fig. 12 Auto-reload function
TIMERS
The 4282 Group has the programmable timer.
• Programmable timer
The programmable timer has a reload register and enables
the frequency dividing ratio to be set. It is decremented from a
setting value n. When it underflows (count to n + 1), a timer 1
underflow flag is set to “1,” new data is loaded from the reload
register, and count continues (auto-reload function).
FF16
n
0016
n: Counter initial value
Count starts
Reload
Reload
1st underflow
2nd underflow
n+1 count
n+1 count
Time
A skip instruction is executed
Timer 1 underflow flag “1”
“0”
The 4282 Group timer consists of the following circuit.
• Timer 1 : 8-bit programmable timer
• Timer 2 : 8-bit programmable timer
These timers can be controlled with the timer control registers
V1 and V2.
Each timer function is described below.
Table 3 Function related timer
Circuit
Timer 1
Timer 2
14-bit timer
Structure
8-bit programmable
binary down counter
8-bit programmable
binary down counter
14-bit fixed frequency
Count source
• Carrier wave output (CARRY)
• Bit 5 of watchdog timer
• f(XIN)
• f(XIN)/2
• Instruction clock
Frequency
dividing ratio
1 to 256
1 to 256
16384
Use of output signal
• Carrier wave output control
• Carrier wave output
• Watchdog timer
• Timer 1 count source
Control
register
V1
V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com