Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 14Page - Renesas Technology Corp 4282 Datasheet HTML 15Page - Renesas Technology Corp 4282 Datasheet HTML 16Page - Renesas Technology Corp 4282 Datasheet HTML 17Page - Renesas Technology Corp 4282 Datasheet HTML 18Page - Renesas Technology Corp 4282 Datasheet HTML 19Page - Renesas Technology Corp 4282 Datasheet HTML 20Page - Renesas Technology Corp 4282 Datasheet HTML 21Page - Renesas Technology Corp 4282 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 18 of 67
4282 Group
VOLTAGE DROP DETECTION CIRCUIT
The built-in voltage drop detection circuit is designed to detect a
drop in voltage at operating and to reset the microcomputer if
the supply voltage drops below the specified value (Typ. 1.50 V)
or less.
Fig. 21 Voltage drop detection circuit operation waveform
The voltage drop detection circuit is stopped and power
dissipation is reduced in the RAM back-up mode with the
initialized CPU stopped.
VDD
Internal reset signal
Reset voltage
TYP 1.5V
(Note)
Note: The voltage drop detection circuit does not have
the hysteresis characteristics in the detected voltage.
Microcomputer starts operation
after f(XIN) is counted to 16384 times.
Fig. 22 VDD and VDET
000
000
000
00
0
0
0
000
000
0
0
000
0
000
0
00
0
0
111
1
111
1
00
000
0
11
Fig. 20 Internal state at reset
• Program counter (PC) ..............................................................
Address 0 in page 0 is set to program counter.
• Power down flag (P) .................................................................
• Timer 1 underflow flag (T1F) ...................................................
• Timer 2 underflow flag (T2F) ...................................................
• Timer control register V1 ..........................................................
• Timer control register V2 ..........................................................
• Port CARR output flag (CAR) ..................................................
• Pull-down control register PU0 ................................................
• Pull-down control register PU1 ................................................
• Logic operation selection register LO ......................................
• Most significant ROM code reference enable flag (URS)
• Carry flag (CY) .........................................................................
• Register A .................................................................................
• Register B .................................................................................
• Register X .................................................................................
• Register Y .................................................................................
• Stack pointer (SP) ....................................................................
Note on voltage drop detection circuit
The voltage drop detection circuit detection voltage of this
product is set up lower than the minimum value of the supply
voltage of the recommended operating conditions.
A battery exchange of an application product is explained as
an example.
The supply voltage falls below to the recommended operating
voltage while CPU keeps active. Then, an unexpected
oscillation-stop, which does not happen by POF instruction
occurs before the supply voltage falls below to the detection
voltage. In this time, even if the supply voltage re-goes up to
the recommended operating voltage, since reset does not
occur, MCU may not operate correctly.
Please confirm the oscillator you use and the frequency of
system clock, and test the operation of your system sufficiently.
VDD
Recommended operatng
condition min.value
Even if the voltage re-goes up to
the recommended operating voltage,
MCU may not operate correctly.
Oscillation is stopped
incorrectly.
VDET
VDD
Recommended
operatng condition
min.value
VDET
→ Normal operation
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com