Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 11Page - Renesas Technology Corp 4282 Datasheet HTML 12Page - Renesas Technology Corp 4282 Datasheet HTML 13Page - Renesas Technology Corp 4282 Datasheet HTML 14Page - Renesas Technology Corp 4282 Datasheet HTML 15Page - Renesas Technology Corp 4282 Datasheet HTML 16Page - Renesas Technology Corp 4282 Datasheet HTML 17Page - Renesas Technology Corp 4282 Datasheet HTML 18Page - Renesas Technology Corp 4282 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 15 of 67
4282 Group
Fig. 16 Timer 2 count start/stop timing
(R2L)
(R2H)
(R2L)
Timer 2 count value
(Reload register)
Timer 2 underflow signal
CARRYD
Timer 2 count start timing
Timer 2 count start timing
Instruction clock
=f(XIN)/8
Machine cycle
TV2A instruction execution cycle (V20)
←1
XIN
XIN/2
(Count source selected)
0216 0116 0016
0216
0316
0216 0116 0016
0316
Timer 2 count value
(Reload register)
Timer 2 underflow signal
CARRYD
Timer 2 count stop timing
Timer 2 count stop timing
Machine cycle
TV2A instruction execution cycle (V20)
←0
XIN/2
(Count source selected)
0216
0216 0116 0016
0216 0116 0016 0216 0116 0016 0316
0016
(R2H)
(R2L)
0316
(R2H)
(R2L)
(Note 1)
Mi
Mi + 1
Mi + 2
Mi
Mi + 1
Mi + 2
Instruction clock
=f(XIN)/8
Register V20
Register V20
XIN
● In this case, the following is set;
• To expand “H” interval of carrier wave is invalid (V23 = “0”),
• Timer 2 carrier wave generation function is valid (V22=“1”),
• Count source XIN/2 selected (V21=“1”),
• “L” interval (0316) of carrier wave is set to reload register R2L
• “H” interval (0216) of carrier wave is set to reload register R2H
Notes 1: When the carrier wave generation function is vaild (V22=“1”), avoid a timing
when timer 2 underflows to stop timer 2. When the timer 2 count stop occurs
at the same timing with the timer 2 underflows, hazard may occur in the carrier
wave output waveform.
2: When the timer 2 is stopped during “H” output of carrier wave while the carrier
wave generation function is valid, it is stopped after the “H” interval set by
reload register R2H is output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com