Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 3Page - Renesas Technology Corp 4282 Datasheet HTML 4Page - Renesas Technology Corp 4282 Datasheet HTML 5Page - Renesas Technology Corp 4282 Datasheet HTML 6Page - Renesas Technology Corp 4282 Datasheet HTML 7Page - Renesas Technology Corp 4282 Datasheet HTML 8Page - Renesas Technology Corp 4282 Datasheet HTML 9Page - Renesas Technology Corp 4282 Datasheet HTML 10Page - Renesas Technology Corp 4282 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 7 of 67
4282 Group
Fig. 5 Stack registers (SKs) structure
Fig. 6 Example of operation at subroutine call
(5) Most significant ROM code reference enable flag (URS)
URS flag controls whether to refer to the contents of the most
significant 1 bit (bit 8) of ROM code when executing the TABP
p instruction. If URS flag is “0,” the contents of the most
significant 1 bit of ROM code is not referred even when
executing the TABP p instruction. However, if URS flag is “1,”
the contents of the most significant 1 bit of ROM code is set to
flag CY when executing the TABP p instruction (Figure 4).
URS flag is “0” after system is released from reset and returned
from RAM back-up mode. It can be set to “1” with the URSC
instruction, but cannot be cleared to “0.”
(6) Stack registers (SKs) and stack pointer (SP)
Stack registers (SKs) are used to temporarily store the contents
of program counter (PC) just before branching until returning
to the original routine when;
• performing a subroutine call, or
• executing the table reference instruction (TABP p).
Stack registers (SKs) are four identical registers, so that
subroutines can be nested up to 4 levels. However, one of
stack registers is used when executing a table reference
instruction. Accordingly, be careful not to over the stack. The
contents of registers SKs are destroyed when 4 levels are
exceeded.
The register SK nesting level is pointed automatically by 2-bit
stack pointer (SP).
Figure 5 shows the stack registers (SKs) structure.
Figure 6 shows the example of operation at subroutine call.
(7) Skip flag
Skip flag controls skip decision for the conditional skip
instructions and continuous described skip instructions.
Note : The 4282 Group just invalidates the next instruction
when a skip is performed. The contents of program
counter is not increased by 2. Accordingly, the number
of cycles does not change even if skip is not performed.
However, the cycle count becomes “1” if the TABP p,
RT, or RTS instruction is skipped.
SK0
SK1
SK2
SK3
(SP) = 0
(SP) = 1
(SP) = 2
(SP) = 3
Program counter (PC)
Executing RT
instruction
Executing BM
instruction
Stack pointer (SP) points “3” at reset or
returning from RAM back-up mode. It points “0”
by executing the first BM instruction, and the
contents of program counter is stored in SK0.
When the BM instruction is executed after four
stack registers are used ((SP) = 3), (SP) = 0
and the contents of SK0 is destroyed.
Returning to the BM instruction execution
address with the RT instruction, and the BM
instruction is equivalent to the NOP instruction.
(SP)
← 0
(SK0)
← 000116
(PC)
← SUB1
Main program
000216 NOP
Address
000016 NOP
000116 BM SUB1
Subroutine
SUB1 :
NOP
RT
(PC)
← (SK0)
(SP)
← 3
·
·
·
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com