Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 10Page - Renesas Technology Corp 4282 Datasheet HTML 11Page - Renesas Technology Corp 4282 Datasheet HTML 12Page - Renesas Technology Corp 4282 Datasheet HTML 13Page - Renesas Technology Corp 4282 Datasheet HTML 14Page - Renesas Technology Corp 4282 Datasheet HTML 15Page - Renesas Technology Corp 4282 Datasheet HTML 16Page - Renesas Technology Corp 4282 Datasheet HTML 17Page - Renesas Technology Corp 4282 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 14 of 67
4282 Group
Fig. 15 Carrier wave generation example by timer 2
Fig. 14 Port CARR output control by timer 1
Port CARR output
Register V12
a
b
c
Set the interval “a” to timer 1. Set the interval “b”
to reload register R1.
Set the interval “c”
to reload register R1.
Set the interval “d”
to reload register R1.
d
Timer 1 underflow
Port CARR output
Carrier wave output start
Timer 1 starts
Carrier wave output start
Count source CARRY selected
Auto-control valid
Auto-control invalid
Auto-control invalid
Timer 1 stop
Carrier wave output stop
(Note)
(V11)
←0
(V10)
←1
(V12)
←1
(V10)
←0
CARRY
Timer 1 underflow
“H”
“L”
“1”
“0”
“H”
“L”
“1”
“0”
“H”
“L”
“1”
“0”
Note: When timer 1 is stopped, the port CARR output auto-control is terminated regardless of bit 2 (V12) of register V1.
▲▲
▲
▲
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2H)
CARRYD
(R2L)
(R2H)
(R2L)
(R2H)
(R2L)
(R2H)
Timer 2 count source
Timer 2 count value
(Reload register)
Timer 2 underflow signal
CARRYD
Timer 2 starts
Carrier wave period:
7 clocks
To expand “H” interval of carrier wave is invalid (V23=“0”)
[Count source: 4.0 MHz, Resolution: 250 ns]
To expand “H” interval of carrier wave is valid (V23=“1”)
(When count source is 4.0 MHz, carrier wave is expanded for 125 ns]
0216 0116 0016
0316
0216 0116
0216 0116 0016
0216 0116 0016
0216 0116 0016
0316
0216 0116 0016
0316
0216 0116 0016
0316
0216
0216
0116 0016
0216
0116 0016
0216 0116 0016
0316
0216 0116 0016
0316
3 clocks
interval
Timer 2 count source
Timer 2 count value
(Reload register)
Timer 2 underflow signal
Timer 2 starts
3 clocks
interval
Carrier wave period:
7 clocks
Carrier wave period:
7.5 clocks
3.5 clocks
interval
3.5 clocks
interval
Carrier wave period:
7.5 clocks
Note: When to expand “H” interval of the carrier wave is valid, set “0116” or more to reload register R2H.
● In this case, the following is set;
• Timer 2 carrier wave generation function is valid (V22=“1”),
• “L” interval (0316) of carrier wave is set to reload register R2L
• “H” interval (0216) of carrier wave is set to reload register R2H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com