Electronic Components Datasheet Search
  English  ▼

X  

4282 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 4282
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4282 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 4282 Datasheet HTML 52Page - Renesas Technology Corp 4282 Datasheet HTML 53Page - Renesas Technology Corp 4282 Datasheet HTML 54Page - Renesas Technology Corp 4282 Datasheet HTML 55Page - Renesas Technology Corp 4282 Datasheet HTML 56Page - Renesas Technology Corp 4282 Datasheet HTML 57Page - Renesas Technology Corp 4282 Datasheet HTML 58Page - Renesas Technology Corp 4282 Datasheet HTML 59Page - Renesas Technology Corp 4282 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 69 page
background image
Rev.1.33
Mar 18, 2004
page 56 of 67
4282 Group
INSTRUCTION CODE TABLE
D3–
D0
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010
1011
1100
1101
1110
1111
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
XAM
0
D8–D4
00000 00001 00010 00011 00100 00101 00110 00111 01000 01001 01010 01011 01100 01101 01110 01111
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
10000 11000
10111 11111
10–17
NOP
RC
SC
AM
AMC
TYA
TBA
BLA
CLD
INY
RD
SD
DEY
TEAB
CMA
RAR
TAB
TAY
SZB
0
SZB
1
SZB
2
SZB
3
SEAn
SEAM
TDA
TABE
SZC
RT
RTS
RB
0
RB
1
RB
2
RB
3
IAE
SB
0
SB
1
SB
2
SB
3
TABP
0
TABP
1
TABP
2
TABP
3
OEA
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BM
B
BA
BL
BL
BL
BL
TAB2
TV2A
BMLA
XAM
1
XAM
2
XAM
3
TAM
0
TAM
1
TAM
2
TAM
3
XAMI
0
XAMI
1
XAMI
2
XAMI
3
XAMD
0
XAMD
1
XAMD
2
XAMD
3
BML
BML
BML
BML
A
2
LA
0
A
13
A
3
A
4
A
5
A
6
A
7
A
8
A
9
A
12
A
14
A
15
A
10
A
11
A
0
A
1
LA
1
LA
2
LA
3
LA
4
LA
5
LA
6
LA
7
LA
8
LA
9
LA
10
LA
11
LA
12
LA
13
LA
14
LA
15
18–1F
LXY
0,0
LXY
1,0
LXY
2,0
LXY
0,1
LXY
1,1
LXY
2,1
LXY
0,2
LXY
1,2
LXY
2,2
LXY
0,3
LXY
1,3
LXY
2,3
LXY
0,4
LXY
1,4
LXY
2,4
LXY
0,5
LXY
1,5
LXY
2,5
LXY
0,6
LXY
1,6
LXY
2,6
LXY
0,7
LXY
1,7
LXY
2,7
SNZP
OGA
IAG
RCAR
POF
LXY
3,0
LXY
3,1
LXY
3,2
LXY
3,3
LXY
3,4
LXY
3,5
LXY
3,6
LXY
3,7
CCK
TPU0A
LXY
0,8
LXY
1,8
LXY
2,8
LXY
0,9
LXY
1,9
LXY
2,9
LXY
0,10
LXY
1,10
LXY
2,10
LXY
011
LXY
1,11
LXY
2,11
LXY
0,12
LXY
1,12
LXY
2,12
LXY
0,13
LXY
1,13
LXY
2,13
LXY
0,14
LXY
1,14
LXY
2,14
LXY
0,15
LXY
1,15
LXY
2,15
LXY
3,8
LXY
3,9
LXY
3,10
LXY
3,11
LXY
3,12
LXY
3,13
LXY
3,14
LXY
3,15
TABP
4
TABP
5
TABP
6
TABP
7
BL
BL
BL
BL
BML
BML
BML
BML
LGOP
SZD
SNZT1
TV1A
WRST
BL
BML
BLA
BMLA
SEA
1
1 a a a
a a a a
1
0 a a a
a a a a
1
1 a a a
p p p p
1
0 a a a
p p p p
0
1 0 1 1
n n n n
BA
1
1 a a a
a a a a
0
0 0 1 0
1 0 1 1
SZD
TLOA
T1AB TAB1
URSC
Hex.
notation
The above table shows the relationship between machine language codes and machine language instructions. D3–D0
show the low-order 4 bits of the machine language code, and D8–D4 show the high-order 5 bits of the machine language
code. The hexadecimal representation of the code is also provided. There are one-word instructions and two-word
instructions, but only the first word of each instruction is shown. Do not use the code marked “–.”
The codes for the second word of a two-word instruction are described below.
The second word
BL*
BL*
BL*
BL*
BL*
BL*
BL*
BL*
SNZT2
T2R2L
BML*
BML*
BML*
BML*
BML*
BML*
BML*
BML*
TPU1A
SCAR
T2AB
T2HAB
TABP
8*
TABP
9*
TABP
10*
TABP
11*
TABP
12*
TABP
13*
TABP
14*
TABP
15*
* cannot be used in the M34282M1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com