Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 45Page - Renesas Technology Corp 3850 Datasheet HTML 46Page - Renesas Technology Corp 3850 Datasheet HTML 47Page - Renesas Technology Corp 3850 Datasheet HTML 48Page - Renesas Technology Corp 3850 Datasheet HTML 49Page - Renesas Technology Corp 3850 Datasheet HTML 50Page - Renesas Technology Corp 3850 Datasheet HTML 51Page - Renesas Technology Corp 3850 Datasheet HTML 52Page - Renesas Technology Corp 3850 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 101 page
background image
Rev.3.01
2003.06.20
page 49 of 98
3850 Group (Spec.H/A)
Fig. 54 Structure of MISRG
[MISRG (MISRG)] 003816
MISRG consists of three control bits (bits 1 to 3) for middle-speed
mode automatic switch and one control bit (bit 0) for oscillation
stabilizing time set after STP instruction released.
By setting the middle-speed mode automatic switch start bit to “1”
while operating in the low-speed mode and setting the middle-
speed mode automatic switch set bit to “1”, XIN oscillation
automatically starts and the mode is automatically switched to the
middle-speed mode.
Fig. 55 System clock generating circuit block diagram (Single-chip mode)
MISRG
(MISRG : address 003816)
Oscillation stabilizing time set after STP instruction
released bit
0: Automatically set “0116” to Timer 1,
“FF16” to Prescaler 12
1: Automatically set nothing
b7
b0
Note:When the mode is automatically switched from the low-speed mode to
the middle-speed mode, the value of CPU mode register (address 003B16)
changes.
Not used (return “0” when read)
Middle-speed mode automatic switch start bit
(Depending on program)
0: Invalid
1: Automatic switch start
Middle-speed mode automatic switch wait time set bit
0: 4.5 to 5.5 machine cycles
1: 6.5 to 7.5 machine cycles
Middle-speed mode automatic switch set bit
0: Not set automatically
1: Automatic switching enable
WIT instruction
STP instruction
Timing
φ (internal clock)
S
R
Q
STP instruction
S
R
Q
Main clock stop bit
S
R
Q
1/2
1/4
XIN
XOUT
XCOUT
XCIN
Interrupt request
Reset
Interrupt disable flag l
1/2
Port XC
switch bit
“1”
“0”
Low-speed mode
High-speed or
middle-speed
mode
Middle-speed mode
High-speed or
low-speed mode
Main clock division ratio
selection bits (Note 1)
Notes 1: Any one of high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
When low-speed mode is selected, set port Xc switch bit (b4) to “1”.
2: f(XIN)/16 is supplied as the count source to the prescaler 12 at reset, the count source
before executing the STP instruction is supplied as the count source at executing STP instruction.
3: When bit 0 of MISRG = “0”, the prescaler 12 is set to "FF16" and timer 1 is set to "0116".
When bit 0 of MISRG = “1”, set the sufficient time for oscillation of used oscillator to stabilize since nothing is set to
the prescaler 12 and timer 1.
Main clock division ratio
selection bits (Note 1)
Prescaler 12
Timer 1
Reset or
STP instruction
(Note 2)
Reset
(Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com