Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 64 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 64 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 60Page - Renesas Technology Corp 3850 Datasheet HTML 61Page - Renesas Technology Corp 3850 Datasheet HTML 62Page - Renesas Technology Corp 3850 Datasheet HTML 63Page - Renesas Technology Corp 3850 Datasheet HTML 64Page - Renesas Technology Corp 3850 Datasheet HTML 65Page - Renesas Technology Corp 3850 Datasheet HTML 66Page - Renesas Technology Corp 3850 Datasheet HTML 67Page - Renesas Technology Corp 3850 Datasheet HTML 68Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Rev.3.01
2003.06.20
page 64 of 98
3850 Group (Spec.H/A)
Table 14 Description of pin function (Standard Serial I/O Mode)
Pin
Description
VCC,VSS
Apply program/erase protection voltage to Vcc pin and 0 V to Vss pin.
CNVSS
Connect to VCC when VCC = 4.5 V to 5.5 V.
Connect to Vpp (=4.5 V to 5.5 V) when VCC = 2.7 V to 4.5 V.
RESET
Reset input pin. While reset is “L” level, a 20 cycle or longer clock
must be input to XIN pin.
XIN
Connect a ceramic resonator or crystal oscillator between XIN and
XOUT pins. To input an externally generated clock, input it to XIN pin
and open XOUT pin.
XOUT
Name
Power input
CNVSS
Reset input
Clock input
Clock output
I/O
I
I
I
O
AVSS
VREF
Connect AVSS to VSS .
Enter the reference voltage for AD from this pin.
P00 to P07
Input “H” or “L” level signal or open.
P10 to P17
Input “H” or “L” level signal or open.
P20 to P23
Input “H” or “L” level signal or open.
Analog power supply input
Reference voltage input
Input port P0
Input port P1
Input port P2
I
I
I
I
P41
Input “H” level signal, when reset is released.
P40, P42 to P44
Input “H” or “L” level signal or open.
P24
Serial data input pin
P25
P26
Serial clock input pin
P27
BUSY signal output pin
Input port P4
Input port P4
RxD input
TxD output
SCLK1 input
BUSY output
I
I
O
I
O
Serial data output pin
I
P30 to P34
Input “H” or “L” level signal or open.
Input port P3
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com