Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 64Page - Renesas Technology Corp 3850 Datasheet HTML 65Page - Renesas Technology Corp 3850 Datasheet HTML 66Page - Renesas Technology Corp 3850 Datasheet HTML 67Page - Renesas Technology Corp 3850 Datasheet HTML 68Page - Renesas Technology Corp 3850 Datasheet HTML 69Page - Renesas Technology Corp 3850 Datasheet HTML 70Page - Renesas Technology Corp 3850 Datasheet HTML 71Page - Renesas Technology Corp 3850 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 101 page
background image
Rev.3.01
2003.06.20
page 68 of 98
3850 Group (Spec.H/A)
Fig. 68 Timing for clear status register
qClear Status Register Command
This command clears the bits (SR4, SR5) which are set when the
status register operation ends in error. When the “5016” command
code is sent with the 1st byte, the aforementioned bits are
cleared. When the clear status register operation ends, the SRDY1
(BUSY) signal changes from “H” to “L” level.
qPage Program Command
This command writes the specified page (256 bytes) in the flash
memory sequentially one byte at a time. Execute the page pro-
gram command as explained here following.
(1) Transfer the “4116” command code with the 1st byte.
(2) Transfer addresses A8 to A15 and A16 to A23 (“0016”) with the
2nd and 3rd bytes respectively.
(3) From the 4th byte onward, as write data (D0 to D7) for the
page (256 bytes) specified with addresses A8 to A23 is input
sequentially from the smallest address first, that page is auto-
matically written.
When reception setup for the next 256 bytes ends, the SRDY1
(BUSY) signal changes from “H” to “L” level. The result of the
page program can be known by reading the status register. For
more information, see the section on the status register.
Fig. 69 Timing for page program
SCLK1
RxD
TxD
SRDY1(BUSY)
5016
A8 to
A15
A16 to
A23
4116
data0
data255
SCLK1
RxD
TxD
SRDY1(BUSY)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com