Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 83 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 83 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 79Page - Renesas Technology Corp 3850 Datasheet HTML 80Page - Renesas Technology Corp 3850 Datasheet HTML 81Page - Renesas Technology Corp 3850 Datasheet HTML 82Page - Renesas Technology Corp 3850 Datasheet HTML 83Page - Renesas Technology Corp 3850 Datasheet HTML 84Page - Renesas Technology Corp 3850 Datasheet HTML 85Page - Renesas Technology Corp 3850 Datasheet HTML 86Page - Renesas Technology Corp 3850 Datasheet HTML 87Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 101 page
background image
Rev.3.01
2003.06.20
page 83 of 98
3850 Group (Spec.H)
Table 24 Recommended operating conditions (2) (spec. H)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted)
–10
10
20
–5
5
15
8
4
“H” peak output current
P00–P07, P10–P17, P20, P21, P24–P27, P30–P34,
P40–P44 (Note 1)
“L” peak output current (Note 1)
P00–P07, P20–P27, P30–P34, P40–P44
P10–P17
“H” average output current
P00–P07, P10–P17, P20, P21, P24–P27, P30–P34,
P40–P44 (Note 2)
“L” average output current (Note 2) P00–P07, P20–P27, P30–P34, P40–P44
P10–P17
Internal clock oscillation frequency (VCC = 4.0 to 5.5V) (Note 3)
Internal clock oscillation frequency (VCC = 2.7 to 5.5V) (Note 3)
IOH(peak)
IOL(peak)
IOH(avg)
IOL(avg)
f(XIN)
f(XIN)
Symbol
Parameter
Limits
Min.
mA
mA
mA
mA
mA
mA
MHz
MHz
Unit
Typ.
Max.
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL(avg), IOH(avg) are average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50%.
Table 25 Electrical characteristics (1) (spec. H)
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted)
Electrical characteristics
“H” output voltage
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P34, P40–P44
(Note)
“L” output voltage
P00–P07, P20–P27, P30–P34,
P40–P44
“L” output voltage
P10–P17
Limits
V
V
V
V
V
V
Parameter
Min.
Typ.
Max.
Symbol
Unit
Note: P25 is measured when the P25/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
IOH = –10 mA
VCC = 4.0–5.5 V
IOH = –1.0 mA
VCC = 2.7–5.5 V
IOL = 10 mA
VCC = 4.0–5.5 V
IOL = 1.0 mA
VCC = 2.7–5.5 V
IOL = 20 mA
VCC = 4.0–5.5 V
IOL = 10 mA
VCC = 2.7–5.5 V
VCC–2.0
VCC–1.0
Test conditions
2.0
1.0
2.0
1.0
VOH
VOL
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com