Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 81Page - Renesas Technology Corp 3850 Datasheet HTML 82Page - Renesas Technology Corp 3850 Datasheet HTML 83Page - Renesas Technology Corp 3850 Datasheet HTML 84Page - Renesas Technology Corp 3850 Datasheet HTML 85Page - Renesas Technology Corp 3850 Datasheet HTML 86Page - Renesas Technology Corp 3850 Datasheet HTML 87Page - Renesas Technology Corp 3850 Datasheet HTML 88Page - Renesas Technology Corp 3850 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 101 page
background image
Rev.3.01
2003.06.20
page 85 of 98
3850 Group (Spec.H)
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
VRAM
Hysteresis
CNTR0, CNTR1, INT0–INT3
Hysteresis
RxD, SCLK1, SCLK2, SIN2
Hysteresis
____________
RESET
“H” input current
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P34, P40–P44
“H” input current
____________
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27
P30–P34, P40–P44
“L” input current
____________
RESET,CNVSS
“L” input current
XIN
RAM hold voltage
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
VI = VSS
When clock stopped
0.4
0.5
0.5
4
–4
2.0
5.0
5.0
–5.0
–5.0
5.5
V
V
V
µA
µA
µA
µA
µA
µA
V
Table 28 Electrical characteristics (2) (spec.H)
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85
°C, unless otherwise noted)
Limits
Parameter
Min.
Typ.
Max.
Symbol
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com