Electronic Components Datasheet Search
  English  ▼

X  

3850 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # 3850
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

3850 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button 3850 Datasheet HTML 78Page - Renesas Technology Corp 3850 Datasheet HTML 79Page - Renesas Technology Corp 3850 Datasheet HTML 80Page - Renesas Technology Corp 3850 Datasheet HTML 81Page - Renesas Technology Corp 3850 Datasheet HTML 82Page - Renesas Technology Corp 3850 Datasheet HTML 83Page - Renesas Technology Corp 3850 Datasheet HTML 84Page - Renesas Technology Corp 3850 Datasheet HTML 85Page - Renesas Technology Corp 3850 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
Rev.3.01
2003.06.20
page 82 of 98
3850 Group (Spec.A)
Table 23 Recommended operating conditions (1) (spec. A)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85
°C, unless otherwise noted)
Recommended operating conditions
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIL
VIL
VIL
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
5.5
5.5
VCC
VCC
VCC
VCC
0.2VCC
0.2VCC
0.16VCC
–80
–80
80
120
80
–40
–40
40
60
40
Power source voltage
Power source voltage
A-D convert reference voltage
Analog power source voltage
Analog input voltage
AN0–AN8
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P34, P40–P44
“H” input voltage
RESET, XIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P34, P40–P44
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
“H” total peak output current (Note) P00–P07, P10–P17, P30–P34
“H” total peak output current (Note) P20, P21, P24–P27, P40–P44
“L” total peak output current (Note) P00–P07, P30–P34
“L” total peak output current (Note) P10–P17
“L” total peak output current(Note) P20–P27,P40–P44
“H” total average output current (Note)
P00–P07, P10–P17, P30–P34
“H” total average output current (Note)
P20, P21, P24–P27, P40–P44
“L” total average output current (Note)
P00–P07, P30–P34
“L” total average output current (Note)
P10–P17
“L” total average output current (Note)
P20–P27,P40–P44
Symbol
Parameter
Limits
Min.
Unit
4.0
2.7
2.0
AVSS
0.8VCC
0.8VCC
0
0
0
5.0
5.0
0
0
Typ.
Max.
Note : The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
V
V
V
V
V
V
V
V
V
V
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
12.5 MHz (high-speed mode)
12.5 MHz (middle-speed mode), 6 MHz (high-speed mode)
32 kHz (low-speed mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com