Electronic Components Datasheet Search
  English  ▼

X  

M37160MF Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button M37160MF Datasheet HTML 61Page - Renesas Technology Corp M37160MF Datasheet HTML 62Page - Renesas Technology Corp M37160MF Datasheet HTML 63Page - Renesas Technology Corp M37160MF Datasheet HTML 64Page - Renesas Technology Corp M37160MF Datasheet HTML 65Page - Renesas Technology Corp M37160MF Datasheet HTML 66Page - Renesas Technology Corp M37160MF Datasheet HTML 67Page - Renesas Technology Corp M37160MF Datasheet HTML 68Page - Renesas Technology Corp M37160MF Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 131 page
background image
Rev.1.01
2003.11.13
page 65 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
Notes 1 : The 80-byte addresses corresponding to the character code “7F16”
and “8016” of a character font, 320-byte addresses corresponding to
the character code “1516” and “2A16” of a color dot font, in the OSD
ROM are the test data storing area. Set data to the area as follows.
<Test data storing area>
addresses 1100016 + (4 + 2n) ✕ 10016 + FE16 to
1100016 + (5 + 2n) ✕ 10016 + 0116
(n = 0 to 19)
addresses 1D40016 + (8 ✕ n) ✕ 1016 + 2A16 to
1D40016 + (8 ✕ n) ✕ 10016 + 2B16
(n = 0 to 79)
addresses 1D40016 + (8 ✕ n) ✕ 1016 + 5416 to
1D40016 + (8 ✕ n) ✕ 1016 + 5516
(n = 0 to 79)
(1)Mask version
Set “FF16” to the area (This sample has test data in this area but the actual
product will have different data.) When using our font
editor, the test data is written automatically.
(2)EPROM version
Set the test data to the area. When using our font editor, the test data
is written automatically.
<“7F16”> address (test data)
sM37160EFFP
Character font
<“8016”> address (test data)
114FE16(0916),
116FE16(0016),
118FE16(1216),
11AFE16(0016),
11CFE16(2416),
11EFE16(0016),
120FE16(8816),
122FE16(0016),
124FE16(9016),
126FE16(4816),
128FE16(2416),
12AFE16(0016),
12CFE16(2416),
12EFE16(4816),
130FE16(0016),
132FE16(4816),
134FE16(9016),
136FE16(0016),
138FE16(0116),
13AFE16(8016),
114FF16(5116),
116FF16(5216),
118FF16(5316),
11AFF16(5416),
11CFF16(5516),
11EFF16(5616),
120FF16(5716),
122FF16(5816),
124FF16(5916),
126FF16(5A16),
128FF16(5B16),
12AFF16(5C16),
12CFF16(5D16),
12EFF16(5E16),
130FF16(5F16),
132FF16(5016),
134FF16(5116),
136FF16(5216),
138FF16(5316),
13AFF16(5416),
1150016(9016),
1170016(0016),
1190016(4816),
11B0016(0016),
11D0016(2416),
11F0016(0016),
1210016(1216),
1230016(0016),
1250016(0916),
1270016(0016),
1290016(8116),
12B0016(1816),
12D0016(0016),
12F0016(4216),
1310016(2416),
1330016(0016),
1350016(8116),
1370016(0C16),
1390016(0616),
13B0016(0016),
1150116(A116)
1170116(A216)
1190116(A316)
11B0116(A416)
11D0116(A516)
11F0116(A616)
1210116(A716)
1230116(A816)
1250116(A916)
1270116(AA16)
1290116(AB16)
12B0116(AC16)
12D0116(AD16)
12F0116(AE16)
1310116(AF16)
1330116(B016)
1350116(B116)
1370116(B216)
1390116(B316)
13B0116(B416)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com