Electronic Components Datasheet Search
  English  ▼

X  

M37160MF Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button M37160MF Datasheet HTML 74Page - Renesas Technology Corp M37160MF Datasheet HTML 75Page - Renesas Technology Corp M37160MF Datasheet HTML 76Page - Renesas Technology Corp M37160MF Datasheet HTML 77Page - Renesas Technology Corp M37160MF Datasheet HTML 78Page - Renesas Technology Corp M37160MF Datasheet HTML 79Page - Renesas Technology Corp M37160MF Datasheet HTML 80Page - Renesas Technology Corp M37160MF Datasheet HTML 81Page - Renesas Technology Corp M37160MF Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 131 page
background image
Rev.1.01
2003.11.13
page 78 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
8.10.13 Window Function
This function sets the top and bottom boundaries for display limits
on a screen. The window function is valid only in the OSD1 mode.
The top boundary is set by the window register 1 and bit 7 of block
control register 1. The bottom boundary is set by window register 1
and bit 7 of block control register 2. This function is turned on and off
by bit 2 of the OSD control register (refer to Figure 8.10.3).
Window registers 1 and 2 are shown in Figures 8.10.27 and 8.10.28.
Fig. 8.10.26 Example of Window Function
8.10.12 Scan mode
The Bi-scan mode corresponds to HSYNC of twice as much frequency
as usual. The vertical display position and the vertical dot size double
compared to the normal scan mode. Scan mode can be set the ver-
tical dot size in bit 0 of OSD control register 2, and the vertical dis-
play start position in bit 1, independently .
Table 8.10.3 Setting of Scan Mode
Bit 0 of OSD control register 2
Item
Scan mode
Normal scan
Bi-scan
01
Vertical dot size
1TC ✕ 1/2H
1TC ✕ 1H
1TC ✕ 1H
1TC ✕ 2H
2TC ✕ 2H
2TC ✕ 4H
3TC ✕ 3H
3TC ✕ 6H
Bit 1 of OSD control register 2
01
Verical display start position
A value of verical position register ✕ 1H
A value of verical position register ✕ 2H
The setting value per one step of the top and bottom window borders
can be switched to either 1TH or 2TH by setting “0” or “1” to bit 1 of
OSD control register 2 (address 02DB16).
OSD2 mode
Window
FG H
I
J
OSD1 mode
KL
M N O
OSD1 mode
PQ R
S
T
OSD1 mode
OSD2 mode
Bottom
boundary
of window
Top
boundary
of window
Screen
A BCD E
UV
W X
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com