Electronic Components Datasheet Search
  English  ▼

X  

M37160MF Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # M37160MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37160MF Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button M37160MF Datasheet HTML 64Page - Renesas Technology Corp M37160MF Datasheet HTML 65Page - Renesas Technology Corp M37160MF Datasheet HTML 66Page - Renesas Technology Corp M37160MF Datasheet HTML 67Page - Renesas Technology Corp M37160MF Datasheet HTML 68Page - Renesas Technology Corp M37160MF Datasheet HTML 69Page - Renesas Technology Corp M37160MF Datasheet HTML 70Page - Renesas Technology Corp M37160MF Datasheet HTML 71Page - Renesas Technology Corp M37160MF Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 131 page
background image
Rev.1.01
2003.11.13
page 68 of 130
M37160M8/MA/MF-XXXSP/FP,M37160EFSP/FP
Fig. 8.10.17 Bit structure of OSD RAM
Character code in
OSD ROM
Control of
character color R
Flash control
Underline control
Italic control
Bit
RF0
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RA0
RA1
RA2
RA3
RA4
RA5
RA6
0: Flash OFF
1: Flash ON
0: Underline OFF
1: Underline ON
0: Italic OFF
1: Italic ON
OUT control
OSD1 mode
OSD2 mode
Notes 1: Read value of bits 7 of the color code is “0.”
2: For OUT control, refer to “8.10.8 OUT signal.”
3:
Character code
(See note 3)
0: Color signal
output OFF
1: Color signal
output ON
(See note 2)
0: Color signal
output OFF
1: Color signal
output ON
Bit name
Function
Bit name
Function
Bit name
Function
Character code in
OSD ROM
Character code
(See note 3)
Character code in
OSD ROM
Character code
Control of
character color B
Control of
character color G
0: Color signal
output OFF
1: Color signal
output ON
Control of
character color R
Control of
character color B
Control of
character color G
OUT control
(See note 2)
OUT control
(See note 2)
Control of
background color R
Control of
background color B
Control of
background color G
Control of
background color R
Control of
background color B
Control of
background color G
0: Color signal
output OFF
1: Color signal
output ON
4: In CD OSD mode, since the color is set up for every dot, RA2-0 is not used.
CD OSD mode
In OSD1 mode, OSD2 mode, “7F16” and “8016” cannot be used as a character code.
In CD OSD mode, “1516” and “2A16” cannot be used.
Control of background color is the same as that of OSD2 mode.
RA6
RA5 RA4 RA3 RA2
RA1 RA0 RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
b0
b7
b0
b7
Blocks 1, 2
Character code
Color code 1
RA6
RA5 RA4 RA3 RA2
RA1 RA0 RF7
RF6
RF5
RF4
RF3
RF2
RF1
RF0
b0
b7
b0
b7
Character code
Color code
Not used
OSD1, OSD2 mode
CD OSD mode
(See note 1)
(See note 1)
(See note 4)
(See note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com