Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 99Page - Renesas Technology Corp M37207MF Datasheet HTML 100Page - Renesas Technology Corp M37207MF Datasheet HTML 101Page - Renesas Technology Corp M37207MF Datasheet HTML 102Page - Renesas Technology Corp M37207MF Datasheet HTML 103Page - Renesas Technology Corp M37207MF Datasheet HTML 104Page - Renesas Technology Corp M37207MF Datasheet HTML 105Page - Renesas Technology Corp M37207MF Datasheet HTML 106Page - Renesas Technology Corp M37207MF Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 122 page
background image
102
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Port P5 Control Register
PWM Output Control Register 1
Address 00CB16
Address 00D516
b7 b6 b5 b4 b3 b2 b1 b0
Port P5 control register (D5) [Address 00CB 16]
B
Name
Functions
After reset R W
Port P5 Control Register
0
0
2
3
0 : G signal output
1 : Port P53 output
0
0
R—
RW
RW
RW
0, 1,
7
Port P53 output signal
selection bit (G)
4
0 : B signal output
1 : Port P54 output
0R W
Port P54 output signal
selection bit (B)
0R W
0 : R signal output
1 : Port P52 output
Port P52 output signal
selection bit (R)
5
0 : I/TIM1 OVERFLOW signal output
1 : Port P55 output
Port P55 output signal
selection bit (I)
6
0 : OUT signal output
1 : Port P56 output
Port P56 output signal
selection bit (OUT)
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 1 (PW) [Address 00D5
B
After reset RW
PWM Output Control Register 1
0
1
2
3
4
0
Name
Functions
DA, PWM count source
selection bit (PW0)
0 : Count source supply
1 : Count source stop
P60/PWM0 output
selection bit (PW2)
0: P60 output
1: PWM0 output
P61/PWM1 output
selection bit (PW3)
0: P61 output
1: PWM1 output
P62/PWM2 output
selection bit (PW4)
0: P62 output
1: PWM2 output
5
P63/PWM3 output
selection bit (PW5)
0: P63 output
1: PWM3 output
6
P64/PWM4 output
selection bit (PW6)
0: P64 output
1: PWM4 output
DA/PN4 output
selection bit (PW1)
0 : DA output
1 : PN4 output
7
P65/PWM5 output
selection bit (PW7)
0: P65 output
1: PWM5 output
0
0
0
0
0
0
0
16
]
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com