Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 107 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 107 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 103Page - Renesas Technology Corp M37207MF Datasheet HTML 104Page - Renesas Technology Corp M37207MF Datasheet HTML 105Page - Renesas Technology Corp M37207MF Datasheet HTML 106Page - Renesas Technology Corp M37207MF Datasheet HTML 107Page - Renesas Technology Corp M37207MF Datasheet HTML 108Page - Renesas Technology Corp M37207MF Datasheet HTML 109Page - Renesas Technology Corp M37207MF Datasheet HTML 110Page - Renesas Technology Corp M37207MF Datasheet HTML 111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
106
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Serial I/O Mode Register
I2C Clock Control Register
Address 00DD16
Address 00DE16
b7 b6 b5 b4 b3 b2 b1 b0
I2C clock control register (S2 : address 00DD16)
I2C Clock Control Register
0
to
4
SCL frequency control bits
(CCR0 to CCR4)
7
5
6
SCL mode
specification bit
(FAST MODE)
0 : Standard clock mode
1 : High-speed clock mode
0
Standard clock
mode
B
Name
Functions
After reset RW
0
0
0
ACK bit
(ACK BIT)
ACK clock bit
(ACK)
0 : ACK is returned.
1 : ACK is not returned.
0 : No ACK clock
1 : ACK clock
High speed
clock mode
Setup disabled Setup disabled
00 to 02
Setup disabled
333
03
Setup disabled
250
04
100
400 (See note)
05
83.3
166
06
500/CCR value
1000/CCR value
17.2
34.5
1D
16.6
33.3
1E
16.1
32.3
1F
(at
φ = 4 MHz, unit : kHz)
Note: At 400 kHz in the high-speed clock mode, the duty is as below .
“0” period : “1” period = 3 : 2
In the other cases, the duty is as below.
“0” period : “1” period = 1 : 1
Setup value of
CCR4–CCR0
RW
RW
RW
RW
b7 b6 b5 b4 b3 b2 b1 b0
Serial I/O mode register (SM) [Address 00DE16]
B
Name
Functions
After reset RW
Serial I/O Mode Register
0, 1 Internal synchronous
clock selection bits
(SM0, SM1)
(See note 1)
b1 b0
0 0: f(XIN)/4 or f(XCIN)/4
0 1: f(XIN)/16 or f(XCIN)/16
1 0: f(XIN)/32 or f(XCIN)/32
1 1: f(XIN)/64 or f(XCIN)/64
2
Synchronous clock
selection bit (SM2)
3, 7 Ports P40, P41
function selection
bits (SM3, SM7)
P40/SOUT2/
SDA3/XCIN
P40
SOUT2
SDA3
0: External clock
1: Internal clock
0
0
0
RW
RW
RW
4, 6 Ports P42, P43
function selection bits
(SM4, SM6)
5
Transfer direction
selection bit (SM5)
0: LSB first
1: MSB first
0R W
P41/SCLK2/
SCL3/XCOUT
P41
SCLK2
SCL3
b7
!
0
1
b3
0
1
P42/SIN2/
SDA2/AD8
P42
SDA2
P42
SDA2
0R W
P43/SRDY2/
SCL2/AD7
P43
SRDY2
SDA2
b6
0
1
0
1
b4
0
1
Notes 1: Either f(XIN) or f(XCIN) is selected by bit 7 of the CPU
mode register.
2: When using ports P4 0–P43 as serial I/O pins, set bit 1 of
the serial control register to “1.”
(See note 2)
(See note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com