Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 106Page - Renesas Technology Corp M37207MF Datasheet HTML 107Page - Renesas Technology Corp M37207MF Datasheet HTML 108Page - Renesas Technology Corp M37207MF Datasheet HTML 109Page - Renesas Technology Corp M37207MF Datasheet HTML 110Page - Renesas Technology Corp M37207MF Datasheet HTML 111Page - Renesas Technology Corp M37207MF Datasheet HTML 112Page - Renesas Technology Corp M37207MF Datasheet HTML 113Page - Renesas Technology Corp M37207MF Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
109
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
b7 b6 b5 b4 b3 b2 b1 b0
CRT control register 1 (CC) [Address 00EA 16]
B
Name
Functions
After reset R W
CRT Control Register 1
0
All-blocks display control
bit (CC0)
(See note)
0 : All-blocks display off
1 : All-blocks display on
0
1
Block 1 display control bit
(CC1)
0 : Block 1 display off
1 : Block 1 display on
0
2
0 : Block 2 display off
1 : Block 2 display on
0
Block 2 display control bit
(CC2)
RW
RW
RW
7
0
Note: Display is controlled by logical product (AND) between the all-blocks display
control bit and each block control bit.
Fix this bit to “0.”
R W
0
3
0 : Block 3 display off
1 : Block 3 display on
0
Block 3 display control bit
(CC3)
RW
4
0 : Ordinary mode
1 : 1/2-character unit color
specification mode
0
Block 1 color specification
mode switch bit (CC4)
RW
5
0 : Oscillation stopped
1 : Oscillation enabled
0
Display oscillation stop bit
(CC5)
RW
6
0 : Ordinary 256 count
mode
1 : Double count mode
0
Scanning line double count
mode flag(CC6)
RW
CRT Contol Register 1
Color Register n
Address 00EA16
Addresses 00E616, 00E916
b7 b6 b5 b4 b3 b2 b1 b0
Color register n (CO0 to CO3) (n = 0 to 3) [Addresses 00E616 to 00E916]
B
Name
Functions
After reset R W
Color Register n
0
0
1
B signal output
selection bit (COn1)
0 : No character is output
1 : Character is output
0
2
G signal output
selection bit (COn2)
0 : No character is output
1 : Character is output
0
3
R signal output
selection bit (COn3)
0 : No character is output
1 : Character is output
0
4
B signal output (background)
selection bit (COn4)
0 : No background color is output
1 : Background color is output
0
5
OUT signal output
control bit (COn5)
0 : Character is output
1 : Blank is output
0
6
G signal output (background)
selection bit (COn6)
0 : No background color is output
1 : Background color is output
0
7
R signal output (background)
selection bit (COn7)
0 : No background color is output
1 : Background color is output
0
(See notes 1,2)
(See notes 1, 2)
Notes 1: When bit 5 = “0” and bit 4 = “1,” there is output same as a character or border output
from the OUT pin.
2: When bit 5 = “0” and bit 4= “0,” there is no output from the OUT pin.
RW
RW
RW
RW
RW
RW
RW
RW
I signal output
selection bit (COn0)
0 : No character is output
1 : Character is output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com