Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 112 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 112 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 108Page - Renesas Technology Corp M37207MF Datasheet HTML 109Page - Renesas Technology Corp M37207MF Datasheet HTML 110Page - Renesas Technology Corp M37207MF Datasheet HTML 111Page - Renesas Technology Corp M37207MF Datasheet HTML 112Page - Renesas Technology Corp M37207MF Datasheet HTML 113Page - Renesas Technology Corp M37207MF Datasheet HTML 114Page - Renesas Technology Corp M37207MF Datasheet HTML 115Page - Renesas Technology Corp M37207MF Datasheet HTML 116Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
111
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
A-D Control Register 1
Wipe Mode Register
Address 00ED16
Address 00EF16
b7 b6 b5 b4 b3 b2 b1 b0
Wipe mode register (SL) [Address 00ED16]
B
Name
Functions
After reset
R W
Wipe Mode Register
0, 1 Wipe mode selection bits
(SL0, SL1)
b1 b0
0 0 : Wipe is not available
0 1 : Mode 1
1 0 : Mode 2
1 1 : Mode 3
0
2
Direction mode selection
bits (SL2)
0
RW
RW
7
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is indeterminate.
R—
3, 4 Wipe unit selection bits
(SL3, SL4)
0
RW
0: DOWN mode
1: UP mode
b4 b3
0 0 : 1H unit
0 1 : 2H unit
1 0 : 3H unit
1 1 : Do not set
5, 6 Stop mode selection bits
(SL5, SL6)
0
RW
b6 b5
0 0 : Stop at the 312nd H
0 1 : Stop at the 156th H
1 0 : Stop at the 256th H
1 1 : Stop at the 128th H
b7 b6 b5 b4 b3 b2 b1 b0
A-D control register 1 (ADM) [Address 00EF16]
B
After reset RW
A-D Control Register 1
0
to
2
Analog input pin selection
bits
(ADM0 to ADM2)
Name
Functions
b2 b1 b0
0
0
0 : AD1
0
0
1 : AD2
0
1
0 : AD3
0
1
1 : AD4
1
0
0 : AD5
1
0
1 : AD6
1
1
0 : AD7
1
1
1 : AD8
4
Storage bit of comparison
result (ADM4)
0: Input voltage < reference voltage
1: Input voltage > reference voltage
0
Indeterminate
0
3,
5 to 7
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
RW
R—
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com