Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 104Page - Renesas Technology Corp M37207MF Datasheet HTML 105Page - Renesas Technology Corp M37207MF Datasheet HTML 106Page - Renesas Technology Corp M37207MF Datasheet HTML 107Page - Renesas Technology Corp M37207MF Datasheet HTML 108Page - Renesas Technology Corp M37207MF Datasheet HTML 109Page - Renesas Technology Corp M37207MF Datasheet HTML 110Page - Renesas Technology Corp M37207MF Datasheet HTML 111Page - Renesas Technology Corp M37207MF Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 122 page
background image
107
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Vertical Position Register i
Horizontal Position Register
Addresses 00E116, 00E316
Address 00E016
b7 b6 b5 b4 b3 b2 b1 b0
Horizontal position register (HR) [Address 00E0 16]
B
Name
Functions
After reset
RW
Horizontal Position Register
0
to
5
6
Horizontal display start
positions (HR0 to HR5)
64 steps (0016 to 3F16)
0
0
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
R—
0
7
0
Fix this bit to “0.”
R W
b7 b6 b5 b4 b3 b2 b1 b0
Vertical position register i (CVi) (i = 1 to 3) [Addresses 00E1 16 to 00E316]
B
Name
Functions
After reset
R W
Vertical Position Register i
0
to
6
7
Vertical display start positions
128 steps (0016 to 7F16)
Indeterminate
0
(CVi : CVi0 to CVi6)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
R—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com