Electronic Components Datasheet Search
  English  ▼

X  

M37207MF Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # M37207MF
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER and ON-SCREEN DISPLAY CONTROLLER
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37207MF Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button M37207MF Datasheet HTML 100Page - Renesas Technology Corp M37207MF Datasheet HTML 101Page - Renesas Technology Corp M37207MF Datasheet HTML 102Page - Renesas Technology Corp M37207MF Datasheet HTML 103Page - Renesas Technology Corp M37207MF Datasheet HTML 104Page - Renesas Technology Corp M37207MF Datasheet HTML 105Page - Renesas Technology Corp M37207MF Datasheet HTML 106Page - Renesas Technology Corp M37207MF Datasheet HTML 107Page - Renesas Technology Corp M37207MF Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
103
MITSUBISHI MICROCOMPUTERS
M37207MF-XXXSP/FP, M37207M8-XXXSP
M37207EFSP/FP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
and ON-SCREEN DISPLAY CONTROLLER
Interrupt Interval Determination Control Register
Address 00D616
Address 00D816
PWM Output Control Register
b7 b6 b5 b4 b3 b2 b1 b0
PWM output control register 2 (PN) [Address 00D6
B
After reset RW
PWM Output Control Register 2
Name
Functions
16
]
2
3
4
DA output polarity
selection bit (PN3)
0 : Positive polarity
1 : Negative polarity
PWM output polarity
selection bit (PN4)
DA general-purpose
output bit (PN5)
0 : Output LOW
1 : Output HIGH
5
to
7
0
0
0
0
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
0 : Positive polarity
1 : Negative polarity
RW
RW
RW
R—
0
P66/PWM6 output
selection bit (PN0)
0 : P66 output
1 : PWM6 output
0R W
1
P67/PWM7 output
selection bit (PN1)
0 : P67 output
1 : PWM7 output
0R W
b7 b6 b5 b4 b3 b2 b1 b0
interrupt interval determination control register (RE) [Address 00D8 16]
B
Name
Functions
After reset R W
Interrupt Interval Determination Control Register
0
Interrupt interval
determination circuit
operation control bit (RE0)
0 : Stopped
1 : Operating
0
1
Reference clock selection
bit (RE1)
0 : 16
µs
1 : 32
µs
(at f(XIN) = 8 MHz)
0
2
External interrupt input
pin selection bit (RE2)
0 : INT1 input
1 : INT2 input
0
3
INT1 pin input polarity
switch bit (RE3)
0 : Positive polarity input
1 : Negative polarity input
0
4
INT2 pin input polarity
switch bit (RE4)
0 : Positive polarity input
1 : Negative polarity input
0
5
to
7
0
RW
RW
RW
RW
RW
R—
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com