Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 56Page - Renesas Technology Corp R8C2H Datasheet HTML 57Page - Renesas Technology Corp R8C2H Datasheet HTML 58Page - Renesas Technology Corp R8C2H Datasheet HTML 59Page - Renesas Technology Corp R8C2H Datasheet HTML 60Page - Renesas Technology Corp R8C2H Datasheet HTML 61Page - Renesas Technology Corp R8C2H Datasheet HTML 62Page - Renesas Technology Corp R8C2H Datasheet HTML 63Page - Renesas Technology Corp R8C2H Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 367 page
background image
R8C/2H Group, R8C/2J Group
6. Voltage Detection Circuit
Rev.1.00
Mar 28, 2008
Page 40 of 341
REJ09B0388-0100
Figure 6.1
Block Diagram of Voltage Detection Circuit
Figure 6.2
Block Diagram of Voltage Monitor 0 Reset Generation Circuit
+
-
b3
+
-
VCA25
+
-
b3
≥ Vdet2
Internal
reference
voltage
VCA27
VCA26
VCC
Voltage detection 1
signal
VCA13 bit
Voltage detection 2
signal
Voltage detection 0 signal
≥ Vdet1
≥ Vdet0
VCA1 register
VW1C3 bit
VW1C register
Noise
filter
Noise
filter
VCMP2
VCAB6 = 1
VCAB6 = 0
VCMP1
VCAB5 = 1
VCAB5 = 0
VCA13: Bit in VCA1 register
VCA25, VCA26, VCA27: Bits in VCA2 register
VW1C3: Bit in VW1C register
VCAB5, VCAB6: Bits in VCAB register
Shared with comparator
+
-
1/2
1/2
1/2
Voltage detection 0 circuit
VCA25
VCC
Internal
reference
voltage
Voltage detection 0
signal is held “H” when
VCA25 bit is set to 0
(disabled)
Voltage
detection 0
signal
fOCO-S
VW0F1 to VW0F0
= 00b
= 01b
= 10b
= 11b
VW0C7
Voltage monitor 0
reset signal
Voltage monitor 0 reset generation circuit
VW0C0 to VW0C1, VW0F0 to VW0F1, VW0C6, VW0C7: Bits in VW0C register
VCA25: Bit in VCA2 register
VW0C0
VW0C6
VW0C1
VW0C1
Digital
filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com