Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 74 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 74 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 70Page - Renesas Technology Corp R8C2H Datasheet HTML 71Page - Renesas Technology Corp R8C2H Datasheet HTML 72Page - Renesas Technology Corp R8C2H Datasheet HTML 73Page - Renesas Technology Corp R8C2H Datasheet HTML 74Page - Renesas Technology Corp R8C2H Datasheet HTML 75Page - Renesas Technology Corp R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 54 of 341
REJ09B0388-0100
Figure 7.1
Block Diagram of Comparator
Table 7.2
Pin Configuration of Comparator
Pin Name
I/O
Function
VCMP1
Input
Comparator 1 analog pin
VCOUT1
Output
Comparator 1 comparison result output pin
VCMP2
Input
Comparator 2 analog pin
VCOUT2
Output
Comparator 2 comparison result output pin
CVREF
Input
Comparator reference voltage pin
+
-
VW1F1 to VW1F0
= 01b
= 10b
= 11b
VCA13: Bit in VCA1 register
VCA26, VCA27: Bits in VCA2 register
VW1C0 to VW1C3, VW1F0 to VW1F1: Bits in VW1C register
VW2C0, VW2C2, VW2F0 to VW2F1: Bits in VW2C register
VCAB5 to VCAB7: Bits in VCAB register
LCM1POR, LCM2POR, CM1OE, CM2OE, IRQ1SEL, IRQ2SEL: Bits in ALCMR register
fOCO-S
fOCO-S/4
fOCO-S/8
VCMP1
0
1
VCAB5
Digital filter
+
-
CVREF
VCMP2
0
1
VCAB6
VCAB7
= 00b
Sampling
clock
1
0
VCA26
VW1C3
fOCO-S/2
VW1C1
0
1
VW2F1 to VW2F0
= 01b
= 10b
= 11b
fOCO-S
fOCO-S/4
fOCO-S/8
Digital filter
= 00b
Sampling
clock
VCA13
fOCO-S/2
VW2C1
0
1
Internal reference voltage
VCA27
Shared with
voltage monitor 1
circuit
Shared with
voltage monitor 2
circuit
VW1C2
IRQ1SEL
maskable
interrupts
VW1C0
Edge
selection
circuit
non-maskable
interrupts
Pin output
selection circuit
VCOUT1
VCOUT2
LCM1POR
LCM2POR
0
1
CM1OE
0
1
CM2OE
VW2C2
IRQ2SEL
maskable
interrupts
VW2C0
non-maskable
interrupts
Edge
selection
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com