Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 81Page - Renesas Technology Corp R8C2H Datasheet HTML 82Page - Renesas Technology Corp R8C2H Datasheet HTML 83Page - Renesas Technology Corp R8C2H Datasheet HTML 84Page - Renesas Technology Corp R8C2H Datasheet HTML 85Page - Renesas Technology Corp R8C2H Datasheet HTML 86Page - Renesas Technology Corp R8C2H Datasheet HTML 87Page - Renesas Technology Corp R8C2H Datasheet HTML 88Page - Renesas Technology Corp R8C2H Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 65 of 341
REJ09B0388-0100
Figure 7.13
Operating Example of Comparator 1 (When Digital Filter Disabled)
VW1C3 bit
0
1
VW1C2 bit
0
1
When the VW1C1 bit is set to 1
(digital filter disabled), the VCAC1
bit is set to 0 (one edge), and
the VW1C7 bit is set to 0 (VCMP1
reaches reference voltage or above)
VW1C2 bit
0
1
VW1C2 bit
0
1
When the VW1C1 bit is set to 1
(digital filter disabled) and the
VCAC1 bit is set to 1 (both edges)
Set to 0 by a program
Set to 0 by a program
Set to 0 by a program
When the VW1C1 bit is set to 1
(digital filter disabled), the VCAC1
bit is set to 0 (one edge), and
the VW1C7 bit is set to 1 (VCMP1
reaches reference voltage or below)
VCOUT1 output
(LCM1POR = 0)
IR bit in
VCMP1IC register
(IRQ1SEL = 1)
0
1
0
1
VCOUT1 output
(LCM1POR = 0)
0
1
IR bit in
VCMP1IC register
(IRQ1SEL = 1)
Set to 0 by interrupt request
acknowledgement, or by a program
0
1
IR bit in
VCMP1IC register
(IRQ1SEL = 1)
0
1
VCOUT1 output
(LCM1POR = 1)
0
1
Set to 0 by interrupt request
acknowledgement, or by a program
The above applies under the following conditions.
• VCA26 bit in VCA2 register = 1 (comparator 1 circuit enabled)
• VW1C0 bit in VW1C register = 1 (comparator 1 interrupt enabled)
• CM1OE bit in ALCMR register = 1 (output enabled)
• VCAB5 bit in VCAB register = 1 (VCMP1 pin input)
• COMPSEL bit in PINSR4 register = 1 (comparator 1, comparator 2 selected)
VW1C1, VW1C2, VW1C3, VW1C7: Bits in VW1C register
VCAC1: Bit in VCAC register
LCM1POR, IRQ1SEL: Bits in ALCMR register
Reference voltage
VCMP1
Set to 0 by interrupt request
acknowledgement, or by a program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com