Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 71Page - Renesas Technology Corp R8C2H Datasheet HTML 72Page - Renesas Technology Corp R8C2H Datasheet HTML 73Page - Renesas Technology Corp R8C2H Datasheet HTML 74Page - Renesas Technology Corp R8C2H Datasheet HTML 75Page - Renesas Technology Corp R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp R8C2H Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 55 of 341
REJ09B0388-0100
7.2
Register Description
Figures 7.2 to 7.11 show the registers associated with the comparator when comparator 1 or comparator 2 is selected.
Figure 7.2
Registers BGRTRMA and BGRTRMB
BGR Trimming Auxiliary Register A
Symbol
Address
After Reset
BGRTRMA
002Eh
When Shipping
RW
RO
Function
Stores data for internal reference voltage (Vref) correction w hen VCC = 3.6 to 5.5 V. (The
value is the same as that of the BGRTRM register after a reset).
Optimal correction to match the voltage conditions can be achieved by transferring this value
to the BGRTRM register.
b3 b2 b1 b0
b7 b6 b5 b4
BGR Trimming Auxiliary Register B
Symbol
Address
After Reset
BGRTRMB
002Fh
When Shipping
RW
RO
Function
Stores data for internal reference voltage (Vref) correction w hen VCC = 2.2 to 3.6 V.
Optimal correction to match the voltage conditions can be achieved by transferring this value
to the BGRTRM register.
b3 b2 b1 b0
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com