Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 73Page - Renesas Technology Corp R8C2H Datasheet HTML 74Page - Renesas Technology Corp R8C2H Datasheet HTML 75Page - Renesas Technology Corp R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp R8C2H Datasheet HTML 79Page - Renesas Technology Corp R8C2H Datasheet HTML 80Page - Renesas Technology Corp R8C2H Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 57 of 341
REJ09B0388-0100
Figure 7.4
VW1C Register
Voltage Monitor 1 Circuit Control Register (1)
Symbol
Address
After Reset(2)
VW1C
0036h
00001010b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
b2
[Source for setting this bit to 0]
0: Write 0
[Source for setting this bit to 0]
1: When interrupt request is generated
RW
b1 b0
b3
b7 b6 b5 b4
0
VW1C0
RW
Comparator 1 interrupt enable bit(3) 0: Disable
1: Enable
0: Digital filter enable mode
(digital filter circuit enabled)
1: Digital filter disable mode
(digital filter circuit disabled)
RW
VW1C2
Comparator 1 interrupt
flag(2, 5, 6)
VW1C1
Comparator 1 digital filter disable
mode select bit(4)
VW1C3
Comparator 1 signal monitor
flag(2, 5)
VW1F1
RW
Sampling clock select bits
b5 b4
0 0: fOCO-S divided by 1
0 1: fOCO-S divided by 2
1 0: fOCO-S divided by 4
1 1: fOCO-S divided by 8
VW1F0
RW
0: VCMP1 < reference voltage
1: VCMP1 ≥ reference voltage or
comparator 1 circuit disabled
RO
VW1C6
Reserved bit
Set to 0.
RW
VW1C7
Comparator 1 interrupt generation
condition select bit(7)
0: When VCMP1 reaches reference
voltage or above
1: When VCMP1 reaches reference
voltage or below
RW
Bits VW1C2 and VW1C3 are enabled w hen the VCA26 bit in the VCA2 register is set to 1 (comparator 1 circuit
enabled).
Set this bit to 0 by a program. When 0 is w ritten by a program, it is set to 0 (and remains unchanged even if 1 is
w ritten to it).
The VW1C7 bit is enabled w hen the VCAC1 bit in the VCAC register is set to 0 (one edge). Set the VW1C7 bit after
setting the VCAC1 bit to 0.
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the VW1C register.
When the VW1C register is rew ritten, the VW1C2 bit may be set to 1. Set the VW1C2 bit to 0 after rew riting the
VW1C register.
Bits VW1C2 and VW1C3 remain unchanged after a softw are reset or w atchdog timer reset.
The VW1C0 is enabled w hen the VCA26 bit in the VCA2 register is set to 1 (comparator 1 circuit enabled).
When the VCA26 bit is set to 0 (comparator 1 circuit disabled), set the VW1C0 bit to 0 (disable).
To set the VW1C0 bit to 1 (enable), follow the procedure show n in Table 7.3 Procedure for Setting Bits
Associated w ith Com parator 1 Interrupt.
To use the comparator 1 interrupt to exit stop mode and to return again, w rite 1 to the VW1C1 bit after w riting 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com