Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp R8C2H Datasheet HTML 79Page - Renesas Technology Corp R8C2H Datasheet HTML 80Page - Renesas Technology Corp R8C2H Datasheet HTML 81Page - Renesas Technology Corp R8C2H Datasheet HTML 82Page - Renesas Technology Corp R8C2H Datasheet HTML 83Page - Renesas Technology Corp R8C2H Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 60 of 341
REJ09B0388-0100
Figure 7.8
VCAC Register
Figure 7.9
BGRCR Register
Voltage Monitor Circuit Edge Select Register
Symbol
Address
After Reset
VCAC
003Dh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. The VW2C7 bit in the VW2C register is enabled w hen the VCAC2 bit is set to 0 (one edge). Set the VW2C7 bit after
setting the VCAC2 bit to 0.
The VW1C7 bit in the VW1C register is enabled w hen the VCAC1 bit is set to 0 (one edge). Set the VW1C7 bit after
setting the VCAC1 bit to 0.
—
(b7-b3)
—
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
VCAC2
Comparator 2 circuit edge select
bit(2)
0: One edge
1: Both edges
RW
—
(b0)
—
VCAC1
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
Comparator 1 circuit edge select
bit(1)
0: One edge
1: Both edges
b0
b3 b2 b1
b7 b6 b5 b4
BGR Control Register(1)
Symbol
Address
After Reset
BGRCR
003Eh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. When the BGRCR0 bit is set to 1 (disabled), the accuracy/precision of the follow ing is not guaranteed:
• Internal reference voltage for comparator 1 and comparator 2
• Detection voltage for voltage detection circuit 0 to voltage detection circuit 2
• Oscillation frequency of the high-speed on-chip oscillator
Use these functions w hile the BGRCR0 bit is set to 0 (enabled).
To set the BGRCR0 bit to 1 (disabled), first disable voltage detection circuits 0 to 2 and disable comparators 1 and 2
w ith the internal reference voltage selected. Also stop the high-speed on-chip oscillator. Then set the BGRCR0 bit to
1 (disabled).
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the BGRCR register.
—
(b7-b1)
RW
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
BGRCR0
RW
Internal reference voltage (Vref)
adjustment circuit (BGR trimming
circuit) enable bit(2)
0: Enabled
1: Disabled
b0
b3 b2 b1
b7 b6 b5 b4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com