| Electronic Components Datasheet Search |
|
R8C2H Datasheet(PDF) 73 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R8C2H Datasheet(HTML) 73 Page - Renesas Technology Corp |
|
73 / 367 page ![]() R8C/2H Group, R8C/2J Group 7. Comparator Rev.1.00 Mar 28, 2008 Page 53 of 341 REJ09B0388-0100 7. Comparator The comparators compare a reference input voltage and an analog input voltage. Comparator 1 and comparator 2 are independent of each other. Note that comparator 1 and comparator 2 share the voltage detection circuit with voltage monitor 1 and voltage monitor 2. Either comparator 1 and comparator 2 or voltage monitor 1 and voltage monitor 2 can be selected to use the voltage detection circuit. 7.1 Overview The comparison result of the reference input voltage and analog input voltage can be read by software. The result also can be output from the VCOUTi (i = 1 or 2) pin. An internal reference voltage or input voltage to the CVREF pin can be selected as the reference input voltage. The comparator 1 interrupt and comparator 2 interrupt also can be used. Table 7.1 lists the Specifications of Comparator, Figure 7.1 shows the Block Diagram of Comparator, and Table 7.2 lists the Pin Configuration of Comparator. Table 7.1 Specifications of Comparator Item Comparator 1 Comparator 2 Analog input voltage Input voltage to VCMP1 pin Input voltage to VCMP2 pin Reference input voltage Internal reference voltage or input voltage to CVREF pin Comparison target Whether passing thorough reference input voltage by rising or falling Comparison result monitor VW1C3 bit in VW1C register VCA13 bit in VCA1 register Whether higher or lower than reference input voltage Interrupt Comparator 1 interrupt (non-makable or maskable selectable) Comparator 2 interrupt (non-makable or maskable selectable) Interrupt request at both or either of reference input voltage > input voltage to VCMP1 pin and input voltage to VCMP1 pin > reference input voltage Interrupt request at both or either of reference input voltage > input voltage to VCMP2 pin and input voltage to VCMP2 pin > reference input voltage Digital Filter Switch enabled/disabled Available Sampling time (fOCO-S divided by n) × 2 n: 1, 2, 4, 8 Comparison result output Output from VCOUT1 pin (Whether the comparison result output is inverted or not can be selected) Output from VCOUT2 pin (Whether the comparison result output is inverted or not can be selected) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |