Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 85Page - Renesas Technology Corp R8C2H Datasheet HTML 86Page - Renesas Technology Corp R8C2H Datasheet HTML 87Page - Renesas Technology Corp R8C2H Datasheet HTML 88Page - Renesas Technology Corp R8C2H Datasheet HTML 89Page - Renesas Technology Corp R8C2H Datasheet HTML 90Page - Renesas Technology Corp R8C2H Datasheet HTML 91Page - Renesas Technology Corp R8C2H Datasheet HTML 92Page - Renesas Technology Corp R8C2H Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 69 of 341
REJ09B0388-0100
7.5
Comparator 1 and Comparator 2 Interrupts
Two interrupt requests are generated, one each for comparator 1 and comparator 2. Non-maskable or maskable can
be selected for each interrupt type. Refer to 13. Interrupts for interrupts.
7.5.1
Non-Maskable Interrupts
When IRQiSEL (i = 1 or 2) bit in the ALCMR register is set to 0, the comparator i interrupt functions as a non-
maskable interrupt. When the selected interrupt request timing occurs, the VWiC2 bit in the VWiC register is
set to 1. At this time, a non-maskable interrupt request for comparator i is generated.
7.5.2
Maskable Interrupts
When the IRQiSEL (i = 1 or 2) bit in the ALCMR register is set to 1, the comparator i interrupt functions as a
maskable interrupt. The comparator i interrupt uses the single VCMPiIC register (bits IR and ILVL0 to ILVL2)
and a single vector. When the selected interrupt request timing occurs, the VWiC2 bit in the VWiC register is
set to 1. At this time, the IR bit in the VCMPiIC register is set to 1 (interrupt requested).
Refer to 13.1.6 Interrupt Control for the VCMPiIC register and 13.1.5.2 Relocatable Vector Tables for
interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com