Electronic Components Datasheet Search
  English  ▼

X  

R8C2H Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # R8C2H
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  367 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2H Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button R8C2H Datasheet HTML 72Page - Renesas Technology Corp R8C2H Datasheet HTML 73Page - Renesas Technology Corp R8C2H Datasheet HTML 74Page - Renesas Technology Corp R8C2H Datasheet HTML 75Page - Renesas Technology Corp R8C2H Datasheet HTML 76Page - Renesas Technology Corp R8C2H Datasheet HTML 77Page - Renesas Technology Corp R8C2H Datasheet HTML 78Page - Renesas Technology Corp R8C2H Datasheet HTML 79Page - Renesas Technology Corp R8C2H Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 367 page
background image
R8C/2H Group, R8C/2J Group
7. Comparator
Rev.1.00
Mar 28, 2008
Page 56 of 341
REJ09B0388-0100
Figure 7.3
Registers VCA1 and VCA2
Voltage Detection Register 1
Symbol
Address
After Reset(2)
VCA1
0031h
00001000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. Softw are reset and w atchdog timer reset do not affect this register.
VCA13
Comparator 2 signal monitor flag(1)
00
—
(b2-b0)
RW
0: VCMP2 < reference voltage
1: VCMP2 ≥ reference voltage or
comparator 2 circuit disabled
RO
Reserved bits
b0
0000
Set to 0.
0
b7 b6 b5 b4 b3 b2 b1
The VCA13 bit is enabled w hen the VCA27 bit in the VCA2 register is set to 1 (comparator 2 circuit enabled). The
VCA13 bit is set to 1 (VCMP2 ≥ reference voltage) w hen the VCA27 bit in the VCA2 register is set to 0 (comparator
2 circuit disabled).
—
(b7-b4)
Reserved bits
Set to 0.
RW
Voltage Detection Register 2(1)
Symbol
Address
After Reset(2)
VCA2
0032h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7. When the VCA20 bit is set to 1 (low consumption enabled), do not set the CM10 bit in the CM1 register to 1 (stop
mode).
VCA20
Internal pow er low
consumption enable bit(3)
0: Low consumption disabled
1: Low consumption enabled(7)
RW
Set the PRC3 bit in the PRCR register to 1 (w rite enabled) before rew riting the VCA2 register.
To use the comparator 1 interrupt or the VW1C3 bit in the VW1C register, set the VCA26 bit to 1.
After the VCA26 bit is set to 1 from 0, the comparator 1 circuit w aits for td(E-A) to elapse before starting operation.
To use the comparator 2 interrupt or the VCA13 bit in the VCA1 register, set the VCA27 bit to 1.
After the VCA27 bit is set to 1 from 0, the comparator 2 circuit w aits for td(E-A) to elapse before starting operation.
To use the voltage monitor 0 reset, set the VCA25 bit to 1.
After the VCA25 bit is set to 1 from 0, the voltage detection circuit w aits for td(E-A) to elapse before starting
operation.
VCA27
Use the VCA20 bit only w hen the MCU enters w ait mode. To set the VCA20 bit, follow the procedure show n in
Figure 11.12 Handling Procedure of Internal Pow er Low Consum ption Using VCA20 Bit.
VCA26
Comparator 1 enable bit(5)
0: Comparator 1 circuit disabled
1: Comparator 1 circuit enabled
RW
Comparator 2 enable bit(6)
0: Comparator 2 circuit disabled
1: Comparator 2 circuit enabled
RW
Softw are reset and w atchdog timer reset do not affect this register.
000
0
b3 b2 b1 b0
b7 b6 b5 b4
The LVD0ON bit in the OFS register is
set to 1 and hardw are reset
: 00h
Pow er-on reset, voltage monitor 0 reset
or the LVD0ON bit in the OFS register is
set to 0, and hardw are reset
: 00100000b
VCA25
Voltage detection 0 enable
bit(4)
0: Voltage detection 0 circuit disabled
1: Voltage detection 0 circuit enabled
RW
—
(b4-b1)
Reserved bits
Set to 0.
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com